Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDPQ2010NP-180M-300 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDPQ2010NP-180M-300
Description  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDPQ2010NP-180M-300 Datasheet(HTML) 2 Page - Sumida Corporation

  CDPQ2010NP-180M-300 Datasheet HTML 1Page - Sumida Corporation CDPQ2010NP-180M-300 Datasheet HTML 2Page - Sumida Corporation CDPQ2010NP-180M-300 Datasheet HTML 3Page - Sumida Corporation CDPQ2010NP-180M-300 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 5-Mar-15
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDPQ2010
※1. Inductance measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 75% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=25℃(Ta=20℃).
Electrical Characteristics - 2
Electrical Characteristics - 3
Electrical Characteristics - 1
12.6
10.1(12.7)
14.6(18.3)
5.80(4.85)
10
±20%
100MH
CDPQ2010NP-100M-160
05
14.0
11.8(14.8)
17.0(21.3)
4.68(3.90)
7.5
±20%
7R5MH
CDPQ2010NP-7R5M-160
04
17.0
13.2(16.6)
19.2(24.0)
3.45(2.85)
5.6
±20%
5R6MH
CDPQ2010NP-5R6M-160
03
20.0
16.4(20.5)
23.5(29.4)
2.40(2.00)
3.9
±20%
3R9MH
CDPQ2010NP-3R9M-160
02
21.0
20.4(25.5)
29.2(36.5)
2.00(1.65)
2.7
±20%
2R7MH
CDPQ2010NP-2R7M-160
01
125
20
Temperature
rise current
(
A) ※3
The saturation current
(A)※2
D.C.R.
(m
Ω)
[Max.]
(at 20
℃)
Inductance
(
μH)
[Within]
※1
Stamp
Part No.
NO.
12.6
6.6(8.3)
9.7(12.1)
5.80(4.85)
15
±20%
150MS
CDPQ2010NP-150M-250
10
14.0
7.5(9.4)
10.8(13.5)
4.68(3.90)
12
±20%
120MS
CDPQ2010NP-120M-250
09
17.0
8.7(10.9)
12.4(15.5)
3.45(2.85)
8.8
±20%
8R8MS
CDPQ2010NP-8R8M-250
08
20.0
11.0(13.7)
15.7(19.6)
2.40(2.00)
6.2
±20%
6R2MS
CDPQ2010NP-6R2M-250
07
21.0
13.2(16.6)
19.0(23.8)
2.00(1.65)
3.9
±20%
3R9MS
CDPQ2010NP-3R9M-250
06
125
20
Temperature
rise current
(
A) ※3
The saturation current
(A)※2
D.C.R.
(m
Ω)
[Max.]
(at 20
℃)
Inductance
(
μH)
[Within]
※1
Stamp
Part No.
NO.
12.6
5.3(6.7)
7.7(9.6)
5.80(4.85)
18
±20%
180ML
CDPQ2010NP-180M-300
15
14.0
6.9(8.6)
9.8(12.3)
4.68(3.90)
14
±20%
140ML
CDPQ2010NP-140M-300
14
17.0
7.0(8.8)
10.3(12.9)
3.45(2.85)
10
±20%
100ML
CDPQ2010NP-100M-300
13
20.0
8.6(10.7)
12.3(15.4)
2.40(2.00)
7.5
±20%
7R5ML
CDPQ2010NP-7R5M-300
12
21.0
11.0(13.8)
15.6(19.5)
2.00(1.65)
4.7
±20%
4R7ML
CDPQ2010NP-4R7M-300
11
125
20
Temperature
rise current
(
A) ※3
The saturation current
(A)※2
D.C.R.
(m
Ω)
[Max.]
(at 20
℃)
Inductance
(
μH)
[Within]
※1
Stamp
Part No
NO.


Similar Part No. - CDPQ2010NP-180M-300

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDPQ2010NP-180M-300 SUMIDA-CDPQ2010NP-180M-300 Datasheet
269Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDPQ2010NP-180M-300

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com