Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDR105NP-270MB Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDR105NP-270MB
Description  POWER INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDR105NP-270MB Datasheet(HTML) 2 Page - Sumida Corporation

  CDR105NP-270MB Datasheet HTML 1Page - Sumida Corporation CDR105NP-270MB Datasheet HTML 2Page - Sumida Corporation CDR105NP-270MB Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
POWER INDUCTORS <SMD Type: CDR Series>
Type: CDR105
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/3
Specification
Part name
Stamp
Inductance
(
μH) ※1
D.C.R.(
Ω)
Max
(at 20
℃)
Rated Current
(A)
※2
S.R.F (MHZ)
[typ.]
CDR105NP-100M
100M
+20%
10
-15%
0.06
2.53
31
CDR105NP-120M
120M
+20%
12
-15%
0.06
2.31
27
CDR105NP-150M
150M
+20%
15
-15%
0.07
2.06
27
CDR105NP-180M
180M
+20%
18
-15%
0.08
1.89
26
CDR105NP-220M
220M
+20%
22
-15%
0.09
1.71
21
CDR105NP-270M
270M
+20%
27
-15%
0.11
1.54
18
CDR105NP-330M
330M
+20%
33
-15%
0.12
1.39
16
CDR105NP-390M
390M
+20%
39
-15%
0.16
1.28
15
CDR105NP-470M
470M
+20%
47
-15%
0.18
1.17
14
CDR105NP-560M
560M
+20%
56
-15%
0.19
1.07
12
CDR105NP-680M
680M
+20%
68
-15%
0.22
0.97
11
CDR105NP-820M
820M
+20%
82
-15%
0.28
0.88
10
CDR105NP-101M
101M
+20%
100
-15%
0.35
0.80
7.0
CDR105NP-121M
121M
+20%
120
-15%
0.38
0.73
6.5
CDR105NP-151M
151M
+20%
150
-15%
0.45
0.65
5.8
CDR105NP-181M
181M
+20%
180
-15%
0.62
0.60
5.3
CDR105NP-221M
221M
+20%
220
-15%
0.69
0.54
5.2
CDR105NP-271M
271M
+20%
270
-15%
0.78
0.49
4.6
CDR105NP-331M
331M
+20%
330
-15%
1.03
0.44
4.2
CDR105NP-391M
391M
+20%
390
-15%
1.18
0.41
3.6
CDR105NP-471M
471M
+20%
470
-15%
1.60
0.37
3.6


Similar Part No. - CDR105NP-270MB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDR105NP-270MB SUMIDA-CDR105NP-270MB Datasheet
227Kb / 3P
   POWER INDUCTORS
More results

Similar Description - CDR105NP-270MB

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com