Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS370C077AFNA Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS370C077AFNA
Description  8-BIT MICROCONTROLLER
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS370C077AFNA Datasheet(HTML) 4 Page - Texas Instruments

  TMS370C077AFNA Datasheet HTML 1Page - Texas Instruments TMS370C077AFNA Datasheet HTML 2Page - Texas Instruments TMS370C077AFNA Datasheet HTML 3Page - Texas Instruments TMS370C077AFNA Datasheet HTML 4Page - Texas Instruments TMS370C077AFNA Datasheet HTML 5Page - Texas Instruments TMS370C077AFNA Datasheet HTML 6Page - Texas Instruments TMS370C077AFNA Datasheet HTML 7Page - Texas Instruments TMS370C077AFNA Datasheet HTML 8Page - Texas Instruments TMS370C077AFNA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
TMS370Cx7x
8-BIT MICROCONTROLLER
SPNS034C – SEPTEMBER 1995 – REVISED FEBRUARY 1997
4
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
functional block diagram
Program Memory
ROM: 24K Bytes
EPROM: 24K Bytes
VSS1
VCC1
RESET
MC
XTAL2/
CLKIN
XTAL1
INT3
INT2
INT1
E0 – E7
or
AN0 – AN7
VCC2‡
VSS2‡
RAM
512 Bytes
CPU
Port C
Port B
Watchdog
Timer 1
Timer 2A
A-to-D Converter 1
System Control
Clock Options:
Divide-by-4 or
Divide-by-1(PLL)
T1PWM
T1EVT
T1IC / CR
T2AIC2 / PWM
T2AEVT
T2AIC1 / CR
VSS3
VCC3
Port A
Interrupts
8/6
8
8
8
Port G
6
Port D†
Data EEPROM
256 Bytes
† For the 64-pin devices, there are only six pins for port D.
‡ For the 64-pin devices, omit these power pins
description
The TMS370C077, TMS370C777, and SE370C777 devices are members of the TMS370 family of single-chip
8-bit microcontrollers. Unless otherwise noted, the term TMS370Cx7x refers to these devices. The TMS370
family provides cost-effective real-time system control through integration of advanced peripheral function
modules and various on-chip memory configurations.
The TMS370Cx7x family is implemented using high-performance silicon-gate CMOS EPROM and EEPROM
technologies. The low-operating power, wide-operating temperature range, and noise immunity of CMOS
technology, coupled with the high performance and extensive on-chip peripheral functions make the
TMS370Cx7x devices attractive in system designs for automotive electronics, industrial motor control,
computer peripheral control, telecommunications, and consumer application.
All TMS370Cx7x devices contain the following on-chip peripheral modules:
D Eight-channel, 8-bit analog-to-digital converter 1 (ADC1)
D One 24-bit general-purpose watchdog timer
D Two 16-bit general-purpose timers (one with an 8-bit prescaler)


Similar Part No. - TMS370C077AFNA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS370C077A TI-TMS370C077A Datasheet
874Kb / 59P
[Old version datasheet]   8-BIT MICROCONTROLLER
TMS370C077AYYZ TI-TMS370C077AYYZ Datasheet
930Kb / 78P
[Old version datasheet]   TMS370 MICROCONTROLLER FAMILY DATA BOOK
More results

Similar Description - TMS370C077AFNA

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com