Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CDR125 Datasheet(PDF) 2 Page - Sumida Corporation

Part No. CDR125
Description  Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUMIDA [Sumida Corporation]
Homepage  http://www.sumida.com
Logo 

CDR125 Datasheet(HTML) 2 Page - Sumida Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Inductors <SMD Type: CDR Series>
Type: CDR125
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification
Part name
Stamp
Inductance
(
μH)※1
D.C.R.(
Ω)
[Max.]
(at 20
℃)
Rated Current
(A)
※2
S.R.F. (MHz)
[Typ.]
CDR125NP-100M
100M
10
±20%
0.05
2.65
24.2
CDR125NP-120M
120M
12
±20%
0.05
2.50
21.2
CDR125NP-150M
150M
15
±20%
0.06
2.45
18.9
CDR125NP-180M
180M
18
±20%
0.06
2.40
16.1
CDR125NP-220M
220M
22 +20% / -15%
0.07
2.20
15.2
CDR125NP-270M
270M
27 +20% / -15%
0.08
2.00
13.9
CDR125NP-330M
330M
33 +20% / -15%
0.10
1.80
12.8
CDR125NP-390M
390M
39 +20% / -15%
0.11
1.65
11.6
CDR125NP-470M
470M
47 +20% / -15%
0.12
1.50
10.4
CDR125NP-560M
560M
56 +20% / -15%
0.15
1.38
9.12
CDR125NP-680M
680M
68 +20% / -15%
0.17
1.26
8.50
CDR125NP-820M
820M
82 +20% / -15%
0.20
1.14
7.85
CDR125NP-101M
101M
100 +20% / -15%
0.25
1.05
6.92
CDR125NP-121M
121M
120 +20% / -15%
0.28
0.95
6.34
CDR125NP-151M
151M
150 +20% / -15%
0.40
0.85
5.55
CDR125NP-181M
181M
180 +20% / -15%
0.48
0.77
5.10
CDR125NP-221M
221M
220 +20% / -15%
0.52
0.70
4.51
CDR125NP-271M
271M
270 +20% / -15%
0.70
0.63
4.37
CDR125NP-331M
331M
330 +20% / -15%
0.80
0.57
3.90
CDR125NP-391M
391M
390 +20% / -15%
1.08
0.52
3.55
CDR125NP-471M
471M
470 +20% / -15%
1.20
0.48
3.25
CDR125NP-561M
561M
560 +20% / -15%
1.34
0.44
2.94
CDR125NP-681M
681M
680 +20% / -15%
1.78
0.40
2.64
CDR125NP-821M
821M
820 +20% / -15%
2.00
0.36
2.42
※ Description of part name
CDR125NP-100M
※1: Measuring frequency:10μH ~ 82μH ; at 2.52 MHz
100
μH ~820μH ; at 1 kHz
※2: Rated current: The D.C. current at which the inductance decreases to 75%(10μH~18μH) and
80% (22
μH~820μH) of it’s initial value or when△t=40℃, whichever is lower(Ta=20℃).
B
Box
C
Carrier Tape


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn