Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CDR125 Datasheet(PDF) 1 Page - Sumida Corporation

Part No. CDR125
Description  Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUMIDA [Sumida Corporation]
Homepage  http://www.sumida.com
Logo 

CDR125 Datasheet(HTML) 1 Page - Sumida Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Power Inductors <SMD Type: CDR Series>
Type: CDR125
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
9.5
PART OF ELECTRODE
R 1.0
PART OF SILK SCREEN
2.
5
12
.5
Product Description
・13.1×12.1mm Max.(L×W), 5.9mm Max. Height.
・Inductance range: 10~820μH.
・Rated current range: 0.36~2.65A .
・In addition to the standards versions shown here,
custom inductors are also available to meet your exact requirements.
Feature
・Magnetically shielded construction.
・Storage temperature range: -40℃~+100 .
・Operating temperature range: -40℃~+100 (Including coil’s self temperature rise).
・Ideally used in Notebook PC ,LCD TV ,Game machine ,HDD,DSC/DVC, etc as DC-DC converter
inductors.
・RoHS compliance.
Dimensions (mm)
Land Pattern (mm)
11.6±0.5
5.4±0.5
※9.0


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn