Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRC4192QDBRQ1 Datasheet(PDF) 9 Page - Texas Instruments

Part # SRC4192QDBRQ1
Description  192-kHz Stereo Asynchronous Sample-Rate Converters
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SRC4192QDBRQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SRC4192QDBRQ1 Datasheet HTML 5Page - Texas Instruments SRC4192QDBRQ1 Datasheet HTML 6Page - Texas Instruments SRC4192QDBRQ1 Datasheet HTML 7Page - Texas Instruments SRC4192QDBRQ1 Datasheet HTML 8Page - Texas Instruments SRC4192QDBRQ1 Datasheet HTML 9Page - Texas Instruments SRC4192QDBRQ1 Datasheet HTML 10Page - Texas Instruments SRC4192QDBRQ1 Datasheet HTML 11Page - Texas Instruments SRC4192QDBRQ1 Datasheet HTML 12Page - Texas Instruments SRC4192QDBRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
0
10k
20k
48k
40k
30k
Frequency (Hz)
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
–180
0
10k
20k
48k
40k
30k
Frequency (Hz)
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
0
5k
10k
24k
20k
15k
Frequency (Hz)
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
–180
0
5k
10k
24k
20k
15k
Frequency (Hz)
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
0
5k
10k
24k
20k
15k
Frequency (Hz)
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
–180
0
5k
10k
24k
20k
15k
Frequency (Hz)
9
SRC4192-Q1
www.ti.com
SLFS081A – OCTOBER 2015 – REVISED NOVEMBER 2015
Product Folder Links: SRC4192-Q1
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, VDD = 3.3 V, and VIO = 3.3 V, unless otherwise noted.
32 kHz:48 kHz
Figure 3. FFT With 1-kHz Input Tone at 0 dBFS
32 kHz:48 kHz
Figure 4. FFT With 1-kHz Input Tone at –60 dBFS
44.1 kHz:48 kHz
Figure 5. FFT With 1-kHz Input Tone at 0 dBFS
44.1 kHz:48 kHz
Figure 6. FFT With 1-kHz Input Tone at –60 dBFS
44.1 kHz:96 kHz
Figure 7. FFT With 1-kHz Input Tone at 0 dBFS
44.1 kHz:96 kHz
Figure 8. FFT With 1-kHz Input Tone at –60 dBFS


Similar Part No. - SRC4192QDBRQ1

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SRC4192 BURR-BROWN-SRC4192 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Texas Instruments
SRC4192 TI-SRC4192 Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4192 TI1-SRC4192 Datasheet
1Mb / 43P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
SRC4192-Q1 TI1-SRC4192-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
SRC4192IDB TI-SRC4192IDB Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
More results

Similar Description - SRC4192QDBRQ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1895 AD-AD1895 Datasheet
1Mb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1896 AD-AD1896_15 Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
logo
Texas Instruments
SRC4190-Q1 TI1-SRC4190-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
logo
Analog Devices
AD1896 AD-AD1896 Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896AYRSZ AD-AD1896AYRSZ Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1895 AD-AD1895_15 Datasheet
860Kb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
logo
Texas Instruments
SRC4192-Q1 TI1-SRC4192-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
SRC4192 TI1-SRC4192 Datasheet
1Mb / 43P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
logo
Burr-Brown (TI)
SRC4192 BURR-BROWN-SRC4192 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com