Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH10D68RT125NP-6R2NC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH10D68RT125NP-6R2NC
Description  SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH10D68RT125NP-6R2NC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH10D68RT125NP-6R2NC Datasheet HTML 1Page - Sumida Corporation CDRH10D68RT125NP-6R2NC Datasheet HTML 2Page - Sumida Corporation CDRH10D68RT125NP-6R2NC Datasheet HTML 3Page - Sumida Corporation CDRH10D68RT125NP-6R2NC Datasheet HTML 4Page - Sumida Corporation CDRH10D68RT125NP-6R2NC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH10D68R/T125
Electrical Characteristics
※ 1 Measuring frequency inductance at 100kHz.
※ 2 ( ) are typical value
※ 3 Saturation current: The value of D.C. current when the inductance decreases to 65% of it’s nominal value.
※ 4 Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
0.49
0.33
0.45
1560(1253)
1000
±25%
102
CDRH10D68RT125NP-102PC
0.61
0.40
0.60
1030(828)
680
±25%
681
CDRH10D68RT125NP-681PC
0.72
0.50
0.68
703(562)
470
±25%
471
CDRH10D68RT125NP-471PC
0.91
0.55
0.80
465(372)
330
±25%
331
CDRH10D68RT125NP-331PC
1.00
0.73
1.00
370(296)
220
±25%
221
CDRH10D68RT125NP-221PC
1.23
0.86
1.23
250(200)
150
±25%
151
CDRH10D68RT125NP-151PC
1.50
1.05
1.50
175(140)
100
±25%
101
CDRH10D68RT125NP-101PC
1.80
1.24
1.80
125(100)
68
±25%
680
CDRH10D68RT125NP-680PC
2.00
1.60
2.00
88.3(70.6)
47
±25%
470
CDRH10D68RT125NP-470PC
2.60
1.85
2.60
59.1(47.3)
33
±25%
330
CDRH10D68RT125NP-330PC
3.10
2.47
3.10
39.1(31.3)
22
±25%
220
CDRH10D68RT125NP-220PC
3.60
2.85
3.60
30.6(24.5)
15
±25%
150
CDRH10D68RT125NP-150PC
4.40
3.60
4.40
21.4(17.1)
10
±25%
100
CDRH10D68RT125NP-100PC
5.55
3.89
5.50
16.4(13.0)
7.5
±30%
7R5
CDRH10D68RT125NP-7R5NC
6.45
4.14
5.95
14.2(11.3)
6.2
±30%
6R2
CDRH10D68RT125NP-6R2NC
7.60
5.17
7.15
9.9(7.9)
4.7
±30%
4R7
CDRH10D68RT125NP-4R7NC
8.30
5.60
7.80
8.5(6.8)
3.3
±30%
3R3
CDRH10D68RT125NP-3R3NC
9.50
7.50
10.50
7.1(5.7)
2.2
±30%
2R2
CDRH10D68RT125NP-2R2NC
10.50
8.50
11.00
6.1(4.9)
1.5
±30%
1R5
CDRH10D68RT125NP-1R5NC
(at125
℃)
(Typ)
(at20
℃)
Temperature
rise current
(
A) ※4
Saturation current
(A)※3
D.C.R.
(m
Ω)[Max.]
(at20
℃) ※2
Inductance
(
μH)
[Within]※1
Stamp
Part No.


Similar Part No. - CDRH10D68RT125NP-6R2NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH10D68RT125NP-6R2NC SUMIDA-CDRH10D68RT125NP-6R2NC Datasheet
232Kb / 5P
   Ferrite drum core construction
More results

Similar Description - CDRH10D68RT125NP-6R2NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com