Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LVDS84DGG Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LVDS84DGG
Description  FLATLINK TRANSMITTERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LVDS84DGG Datasheet(HTML) 5 Page - Texas Instruments

  SN75LVDS84DGG Datasheet HTML 1Page - Texas Instruments SN75LVDS84DGG Datasheet HTML 2Page - Texas Instruments SN75LVDS84DGG Datasheet HTML 3Page - Texas Instruments SN75LVDS84DGG Datasheet HTML 4Page - Texas Instruments SN75LVDS84DGG Datasheet HTML 5Page - Texas Instruments SN75LVDS84DGG Datasheet HTML 6Page - Texas Instruments SN75LVDS84DGG Datasheet HTML 7Page - Texas Instruments SN75LVDS84DGG Datasheet HTML 8Page - Texas Instruments SN75LVDS84DGG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
SN75LVDS84
SLLS270D – MARCH 1997 – REVISED NOVEMBER 2007
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VIT
Input threshold voltagee
1.4
V
|VOD|
Differential steady-state output voltage magnitude
247
454
mV
Change in the steady-state differential output
RL = 100 Ω, See Figure 3
Δ|VOD|
voltage magnitude between opposite binary
50
mV
states
VOC(SS)
Steady-state common-mode output voltage
1.125
1.375
V
See Figure 3
VOC(PP)
Peak-to-peak common-mode output voltage
80
150
mV
IIH
High-level input current
VIH = VCC
20
µA
IIL
Low-level input current
VIL = 0
±10
µA
VO(Yn) = 0
±24
mA
IOS
Short-circuit output current
VOD = 0
±12
mA
IOZ
High-impedance output current
VO = 0 to VCC
±10
µA
Disabled, all inputs at GND
280
µA
Enabled, RL = 100 Ω (4 places),
gray-scale pattern (see Figure 4),
68
80
mA
ICC(AVG)
Quiescent supply current (average)
VCC = 3.3 V, tc = 15.38 ns
Enabled, RL = 100 Ω, (4 places),
worst-case pattern (see Figure 5),
75
100
mA
tc = 15.38 ns
CI
Input capacitance
3
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
Copyright © 1997–2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :SN75LVDS84


Similar Part No. - SN75LVDS84DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS84DGG TI-SN75LVDS84DGG Datasheet
194Kb / 14P
[Old version datasheet]   FLATLINKE TRANSMITTERS
More results

Similar Description - SN75LVDS84DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS86 TI1-SN75LVDS86_08 Datasheet
406Kb / 17P
[Old version datasheet]   FLATLINK RECEIVER
SN75LVDS83B TI1-SN75LVDS83B_17 Datasheet
1Mb / 43P
[Old version datasheet]   FlatLink Transmitter
SN65LVDS93A-Q1 TI1-SN65LVDS93A-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   FlatLink Transmitter
SN65LVDS86AQ TI-SN65LVDS86AQ Datasheet
269Kb / 15P
[Old version datasheet]   FLATLINK RECEIVER
SN75LVDS82 TI1-SN75LVDS82_15 Datasheet
995Kb / 20P
[Old version datasheet]   FlatLink RECEIVER
SN65LVDS84AQ-Q1 TI1-SN65LVDS84AQ-Q1 Datasheet
223Kb / 15P
[Old version datasheet]   FlatLink??TRANSMITTER
SN65LVDS93A TI-SN65LVDS93A Datasheet
686Kb / 25P
[Old version datasheet]   FLATLINK TRANSMITTER
SN75LVDS83C TI1-SN75LVDS83C_17 Datasheet
1Mb / 29P
[Old version datasheet]   FLATLINK TRANSMITTER
SN75LVDS83C TI1-SN75LVDS83C Datasheet
854Kb / 26P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN65LVDS86A-Q1 TI1-SN65LVDS86A-Q1 Datasheet
162Kb / 17P
[Old version datasheet]   FlatLink??RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com