Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI4MSD5V9545A Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI4MSD5V9545A
Description  4 Channel I2C bus Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4MSD5V9545A Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI4MSD5V9545A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4MSD5V9545A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4MSD5V9545A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4MSD5V9545A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4MSD5V9545A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4MSD5V9545A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4MSD5V9545A Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4MSD5V9545A Datasheet HTML 9Page - Pericom Semiconductor Corporation PI4MSD5V9545A Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-07-0036
PT0526-4
8/18/15
6
PI4MSD5V9545A
4 Channel I2C bus Switch
with Interrupt Logic and Reset
I2C Interface Timing Requirements
Symbol
Parameter
STANDARD MODE
I2C BUS
FAST MODE
I2C BUS
UNIT
MIN
MAX
MIN
MAX
fscl
I2C clock frequency
0
100
0
400
kHz
tLow
I2C clock high time
4.7
1.3
μs
tHigh
I2C clock low time
4
0.6
μs
tSP
I2C spike time
50
50
ns
tSU:DAT
I2C serial-data setup time
250
100
ns
tHD:DAT
I2C serial-data hold time
0
[1]
0
[1]
μs
tr
I2C input rise time
1000
300
ns
tf
I2C input fall time
300
300
ns
tBUF
I2C bus free time between stop and start
4.7
1.3
μs
tSU:STA
I2C start or repeated start condition setup
4.7
0.6
μs
tHD:STA
I2C start or repeated start condition hold
4
0.6
μs
tSU:STO
I2C stop condition setup
4
0.6
μs
tVD:DAT
Valid-data time (high to low)
[2]
SCL low to SDA output low valid
1
1
μs
Valid-data time (low to high)
[2]
SCL low to SDA output high valid
0.6
0.6
μs
tVD:ACK
Valid-data time of ACK condition
ACK signal from SCL low to SDA output low
1
1
μs
Cb
I2C bus capacitive load
400
400
pF
Notes:
[1] A device internally must provide a hold time of at least 300 ns for the SDA signal (referred to as the VIH min of the SCL
signal), in order to bridge the undefined region of the falling edge of SCL.
[2] Data taken using a 1-kΩ pullup resistor and 50-pF load Notes
Figure 2. Definition of timing on the I2C-bus


Similar Part No. - PI4MSD5V9545A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4MSD5V9545B PERICOM-PI4MSD5V9545B Datasheet
542Kb / 13P
   4 Channel I2C bus Switch
PI4MSD5V9545BLEX PERICOM-PI4MSD5V9545BLEX Datasheet
542Kb / 13P
   4 Channel I2C bus Switch
PI4MSD5V9545CLEX PERICOM-PI4MSD5V9545CLEX Datasheet
542Kb / 13P
   4 Channel I2C bus Switch
More results

Similar Description - PI4MSD5V9545A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4MSD5V9545B PERICOM-PI4MSD5V9545B Datasheet
542Kb / 13P
   4 Channel I2C bus Switch
logo
Diodes Incorporated
PI4MSD5V9546A DIODES-PI4MSD5V9546A Datasheet
1Mb / 14P
   4 Channel I2C bus Switch with Reset
May 2023 Rev 1-2
logo
Nuvoton Technology Corp...
NCT5946Y NUVOTON-NCT5946Y Datasheet
936Kb / 25P
   4-channel I2C-bus switch with reset
logo
NXP Semiconductors
PCA9546A NXP-PCA9546A Datasheet
147Kb / 25P
   4-channel I2C-bus switch with reset
Rev. 05-2 July 2009
logo
Pericom Semiconductor C...
PI4MSD5V9543B PERICOM-PI4MSD5V9543B Datasheet
610Kb / 13P
   2 Channel I2C bus switch
PI4MSD5V9543A PERICOM-PI4MSD5V9543A Datasheet
613Kb / 13P
   2 Channel I2C bus switch
PI4MSD5V9544A PERICOM-PI4MSD5V9544A Datasheet
513Kb / 12P
   4 Channel I2C bus Multiplexer
logo
Nuvoton Technology Corp...
NCT5945Y NUVOTON-NCT5945Y Datasheet
1,017Kb / 29P
   4-channel I2C-bus switch with interrupt logic and reset
logo
NXP Semiconductors
PCA9545A NXP-PCA9545A Datasheet
160Kb / 28P
   4-channel I2C-bus switch with interrupt logic and reset
Rev. 07-19 June 2009
PCA9545A NXP-PCA9545A_V01 Datasheet
455Kb / 33P
   4-channel I2C-bus switch with interrupt logic and reset
Rev. 10 - 27 September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com