Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI4IOE5V9570 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI4IOE5V9570
Description  4-bit general purpose outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4IOE5V9570 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI4IOE5V9570 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI4IOE5V9570 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4IOE5V9570 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4IOE5V9570 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4IOE5V9570 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4IOE5V9570 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4IOE5V9570 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4IOE5V9570 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4IOE5V9570 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||
|||||||||||||||||
2015-07-0044
PT0559
08/05/15
5
PI4IOE5V9570
4-bit general purpose outputs
for 1MHz I
2C bus
Dymaic Characteristics
Table 3: Dynamic characteristics
Symbol
Parameter
Test
Conditions
Standard mode
I
2C
Fast mode I
2C
1 MHz
I2C-bus
Unit
Min
Max
Min
Max
Min
Max
fSCL
SCL clock frequency
0
100
0
400
0
1000
kHz
tBUF
bus free time between a STOP
and START condition
4.7
-
1.3
-
0.5
μs
tHD;STA
hold time (repeated) START
condition
4.0
-
0.6
-
0.26
μs
tSU;STA
set-up time for a repeated
START condition
4.7
-
0.6
-
0.26
μs
tSU;STO
set-up time for STOP
condition
4.0
-
0.6
-
0.26
μs
tVD;ACK
[1]
data valid acknowledge time
-
3.45
-
0.9
0.45
μs
tHD;DAT
data hold time
0
0
ns
tVD;DAT
[2]
data valid time
3.45
-
0.9
0.45
us
tSU;DAT
data set-up time
250
-
100
-
50
ns
tLOW
LOW period of the SCL clock
4.7
-
1.3
-
0.5
μs
tHIGH
HIGH period of the SCL clock
4.0
-
0.6
-
0.26
μs
tf
fall time of both SDA and SCL
signals
-
300
-
300
-
120
ns
tr
rise time of both SDA and
SCL signals
-
1000
-
300
-
120
ns
tSP
[3]
pulse width of spikes that must
be
suppressed by the input filter
-
50
-
50
-
50
ns
Port timing
tv(Q)
Data output valid time
200
200
200
ns
Note:
[1]
tVD;ACK = time for Acknowledgement signal from SCL LOW to SDA (out) LOW.
[2]
tVD;DAT = minimum time for SDA data out to be valid following SCL LOW.
[3]
Input filters on the SDA and SCL inputs suppress noise spikes less than 50 ns.


Similar Part No. - PI4IOE5V9570

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4IOE5V9521 PERICOM-PI4IOE5V9521 Datasheet
382Kb / 13P
   interrupt and reset
PI4IOE5V9521XTEX PERICOM-PI4IOE5V9521XTEX Datasheet
382Kb / 13P
   interrupt and reset
PI4IOE5V9522 PERICOM-PI4IOE5V9522 Datasheet
469Kb / 13P
   interrupt and reset
PI4IOE5V9522UE PERICOM-PI4IOE5V9522UE Datasheet
469Kb / 13P
   interrupt and reset
PI4IOE5V9522UEX PERICOM-PI4IOE5V9522UEX Datasheet
469Kb / 13P
   interrupt and reset
More results

Similar Description - PI4IOE5V9570

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73201 EMC-EM73201 Datasheet
204Kb / 30P
   4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
logo
NEC
UPD17145 NEC-UPD17145 Datasheet
408Kb / 102P
   SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
PD17145A1 RENESAS-PD17145A1_15 Datasheet
553Kb / 104P
   SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
logo
List of Unclassifed Man...
ARM7TDMI ETC-ARM7TDMI Datasheet
1Mb / 268P
   general purpose 32-bit microprocessors
logo
Zarlink Semiconductor I...
P610ARM-B ZARLINK-P610ARM-B Datasheet
897Kb / 173P
   General purpose 32-bit microprocessor
logo
Fujitsu Component Limit...
MB90860A FUJITSU-MB90860A Datasheet
813Kb / 62P
   16-bit general-purpose microcontroller
logo
Texas Instruments
SN74S274 TI-SN74S274 Datasheet
362Kb / 10P
[Old version datasheet]   4 BIT BY 4 BIT BINARY MULTIPLER WITH 3-STATE OUTPUTS
logo
Microchip Technology
PIC24FJ128GA MICROCHIP-PIC24FJ128GA Datasheet
3Mb / 232P
   General Purpose, 16-Bit Flash Microcontrollers
2006
logo
Texas Instruments
SN74F350 TI1-SN74F350 Datasheet
140Kb / 4P
[Old version datasheet]   4-BIT SHIFTER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F350 FAIRCHILD-74F350 Datasheet
74Kb / 8P
   4-Bit Shifter with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com