Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI4IOE5V9570 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI4IOE5V9570
Description  4-bit general purpose outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4IOE5V9570 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI4IOE5V9570 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI4IOE5V9570 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4IOE5V9570 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4IOE5V9570 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4IOE5V9570 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4IOE5V9570 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4IOE5V9570 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4IOE5V9570 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4IOE5V9570 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||
|||||||||||||||||
2015-07-0044
PT0559
08/05/15
4
PI4IOE5V9570
4-bit general purpose outputs
for 1MHz I
2C bus
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/Os
VIL
LOW-level input voltage
-0.5
0.81
V
VIH
HIGH-level input voltage
1.8
5.5
V
IOL
Low level output current
VCC = 2.3 V; VOL = 0.5 V
[2]
12
26
mA
VCC =3.0V; VOL = 0.5 V
[2]
17
33
mA
VCC =4.5V; VOL = 0.5 V
[2]
25
40
mA
IOL(tot)
total LOW-level output
current
VOL=0.5V;VCC=4.5V
200
mA
IOH
HIGH-level output current
VOH = GND
-30
-359
-480
uA
Itrt(pu)
transient boosted pull-up
current
VOH= GND
-0.5
-1.0
mA
Ci
Input capacitance
-
2.1
10
pF
Co
Output capacitance
-
2.1
10
pF
Note:
[1]: VCC must be lowered to 0.2 V for at least 5 us in order to reset part.
[2]: Each I/O must be externally limited to a maximum of 25 mA and the total package limited to 100 mA due to internal busing
limits.
[3]: The value is not tested, but verified on sampling basis.


Similar Part No. - PI4IOE5V9570

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4IOE5V9521 PERICOM-PI4IOE5V9521 Datasheet
382Kb / 13P
   interrupt and reset
PI4IOE5V9521XTEX PERICOM-PI4IOE5V9521XTEX Datasheet
382Kb / 13P
   interrupt and reset
PI4IOE5V9522 PERICOM-PI4IOE5V9522 Datasheet
469Kb / 13P
   interrupt and reset
PI4IOE5V9522UE PERICOM-PI4IOE5V9522UE Datasheet
469Kb / 13P
   interrupt and reset
PI4IOE5V9522UEX PERICOM-PI4IOE5V9522UEX Datasheet
469Kb / 13P
   interrupt and reset
More results

Similar Description - PI4IOE5V9570

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73201 EMC-EM73201 Datasheet
204Kb / 30P
   4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
logo
NEC
UPD17145 NEC-UPD17145 Datasheet
408Kb / 102P
   SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
PD17145A1 RENESAS-PD17145A1_15 Datasheet
553Kb / 104P
   SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
logo
List of Unclassifed Man...
ARM7TDMI ETC-ARM7TDMI Datasheet
1Mb / 268P
   general purpose 32-bit microprocessors
logo
Zarlink Semiconductor I...
P610ARM-B ZARLINK-P610ARM-B Datasheet
897Kb / 173P
   General purpose 32-bit microprocessor
logo
Fujitsu Component Limit...
MB90860A FUJITSU-MB90860A Datasheet
813Kb / 62P
   16-bit general-purpose microcontroller
logo
Texas Instruments
SN74S274 TI-SN74S274 Datasheet
362Kb / 10P
[Old version datasheet]   4 BIT BY 4 BIT BINARY MULTIPLER WITH 3-STATE OUTPUTS
logo
Microchip Technology
PIC24FJ128GA MICROCHIP-PIC24FJ128GA Datasheet
3Mb / 232P
   General Purpose, 16-Bit Flash Microcontrollers
2006
logo
Texas Instruments
SN74F350 TI1-SN74F350 Datasheet
140Kb / 4P
[Old version datasheet]   4-BIT SHIFTER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F350 FAIRCHILD-74F350 Datasheet
74Kb / 8P
   4-Bit Shifter with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com