Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCR875DNP-101K Datasheet(PDF) 2 Page - Sumida Corporation

Part # RCR875DNP-101K
Description  PIN Power Inductor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCR875DNP-101K Datasheet(HTML) 2 Page - Sumida Corporation

  RCR875DNP-101K Datasheet HTML 1Page - Sumida Corporation RCR875DNP-101K Datasheet HTML 2Page - Sumida Corporation RCR875DNP-101K Datasheet HTML 3Page - Sumida Corporation RCR875DNP-101K Datasheet HTML 4Page - Sumida Corporation RCR875DNP-101K Datasheet HTML 5Page - Sumida Corporation RCR875DNP-101K Datasheet HTML 6Page - Sumida Corporation RCR875DNP-101K Datasheet HTML 7Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2 of 7
Revised: 7-Jan-14
PIN
PIN
PIN
PIN Power Inductor
Power Inductor
Power Inductor
Power Inductor
RCR-875D
Electrical Characteristics
74
35.0
10 mH
± 10%
103K
RCR875DNP-103K
110
99
89
81
14.7
20.4
23.0
30.6
4.7 mH
± 10%
5.6 mH
± 10%
6.8 mH
± 10%
8.2 mH
± 10%
472K
562K
682K
822K
RCR875DNP-472K
RCR875DNP-562K
RCR875DNP-682K
RCR875DNP-822K
160
140
130
120
7.56
8.54
9.74
12.9
2.2 mH
± 10%
2.7 mH
± 10%
3.3 mH
± 10%
3.9 mH
± 10%
222K
272K
332K
392K
RCR875DNP-222K
RCR875DNP-272K
RCR875DNP-332K
RCR875DNP-392K
230
210
190
170
2.72
3.98
4.50
6.81
1.0 mH
± 10%
1.2 mH
± 10%
1.5 mH
± 10%
1.8 mH
± 10%
102K
122K
152K
182K
RCR875DNP-102K
RCR875DNP-122K
RCR875DNP-152K
RCR875DNP-182K
340
310
280
260
1.44
1.61
2.07
2.33
470
μH ± 10%
560
μH ± 10%
680
μH ± 10%
820
μH ± 10%
471K
561K
681K
821K
RCR875DNP-471K
RCR875DNP-561K
RCR875DNP-681K
RCR875DNP-821K
500
450
410
370
0.76
0.86
0.97
1.28
220
μH ± 10%
270
μH ± 10%
330
μH ± 10%
390
μH ± 10%
221K
271K
331K
391K
RCR875DNP-221K
RCR875DNP-271K
RCR875DNP-331K
RCR875DNP-391K
740
670
600
550
0.32
0.36
0.51
0.57
100
μH ± 10%
120
μH ± 10%
150
μH ± 10%
180
μH ± 10%
101K
121K
151K
181K
RCR875DNP-101K
RCR875DNP-121K
RCR875DNP-151K
RCR875DNP-181K
1100
990
890
810
0.17
0.19
0.21
0.27
47
μH ± 15%
56
μH ± 10%
68
μH ± 10%
82
μH ± 10%
470L
560K
680K
820K
RCR875DNP-470L
RCR875DNP-560K
RCR875DNP-680K
RCR875DNP-820K
1600
1400
1300
1200
0.08
0.10
0.14
0.15
22
μH ± 15%
27
μH ± 15%
33
μH ± 15%
39
μH ± 15%
220L
270L
330L
390L
RCR875DNP-220L
RCR875DNP-270L
RCR875DNP-330L
RCR875DNP-390L
1950
1780
62m
71m
15
μH ± 15%
18
μH ± 15%
150L
180L
RCR875DNP-150L
RCR875DNP-180L
2680
2550
2400
2250
43m
47m
50m
54m
7.0
μH ± 15%
8.2
μH ± 15%
10
μH ± 15%
12
μH ± 15%
7R0L
8R2L
100L
120L
RCR875DNP-7R0L
RCR875DNP-8R2L
RCR875DNP-100L
RCR875DNP-120L
3080
2940
2820
31m
35m
39m
3.9
μH ± 15%
4.7
μH ± 15%
5.6
μH ± 15%
3R9L
4R7L
5R6L
RCR875DNP-3R9L
RCR875DNP-4R7L
RCR875DNP-5R6L
4140
3750
3450
3250
18 m
22 m
25 m
28m
1.2
μH ± 15%
1.7
μH ± 15%
2.3
μH ± 15%
3.0
μH ± 15%
1R2L
1R7L
2R3L
3R0L
RCR875DNP-1R2L
RCR875DNP-1R7L
RCR875DNP-2R3L
RCR875DNP-3R0L
Rated
Current
(mA)
※2
D.C.R.
(
Ω) [Max.]
at 20
Inductance
(
μH )
[Within]
※1
Stamp
Part Name
※1:Inductance Measuring frequency: 100μH ~ 10 mH(1kHz); 1.2μH ~ 82μH( 2.52 MHz)
※2:Rated current: The DC current at which the inductance decreases 90% of it’s initial value or when △t=40℃,whichever is lower
(Ta
=20℃).


Similar Part No. - RCR875DNP-101K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCR875DNP-101K SUMIDA-RCR875DNP-101K Datasheet
64Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
More results

Similar Description - RCR875DNP-101K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH-664 SUMIDA-RCH-664_14 Datasheet
298Kb / 6P
   PIN Power Inductor
RCH4764B SUMIDA-RCH4764B Datasheet
176Kb / 4P
   PIN Power Inductor
RCR1616 SUMIDA-RCR1616_14 Datasheet
239Kb / 5P
   PIN Power Inductor
RCH8011 SUMIDA-RCH8011_14 Datasheet
238Kb / 5P
   PIN Power Inductor
RCH109 SUMIDA-RCH109_14 Datasheet
238Kb / 5P
   PIN Power Inductor
R58 SUMIDA-R58_14 Datasheet
188Kb / 4P
   PIN Power Inductor
RP1315B SUMIDA-RP1315B Datasheet
248Kb / 5P
   PIN Power Inductor
RCH8010 SUMIDA-RCH8010 Datasheet
428Kb / 4P
   PIN Power Inductor
RCR-110D SUMIDA-RCR-110D_14 Datasheet
235Kb / 5P
   PIN Power Inductor
RCH-895 SUMIDA-RCH-895_14 Datasheet
352Kb / 8P
   PIN Power Inductor
RCH-855 SUMIDA-RCH-855_14 Datasheet
315Kb / 7P
   PIN Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com