Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI4IOE5V9536 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI4IOE5V9536
Description  SMBus low power I/O port
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4IOE5V9536 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI4IOE5V9536 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI4IOE5V9536 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4IOE5V9536 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4IOE5V9536 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4IOE5V9536 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4IOE5V9536 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4IOE5V9536 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4IOE5V9536 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4IOE5V9536 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
2016-01-0028
PT0557-1
02/15/16
2
PI4IOE5V9536
4-bit I
2C-bus and SMBus
low power I/O port
Maximum Ratings
Power supply......................................................................................................-0.5V to +6.0V
Voltage on an I/O pin..........................................................................GND-0.5V to +6.0V
Input current.....................................................................................................................±20mA
Output current on an I/O pin ......................................................................................±50mA
Supply current....................................................................................................................85mA
Ground supply current...................................................................................................100mA
Total power dissipation................................................................................................200mW
Operation temperature...............................................................................................-40~85℃
Storage temperature ................................................................................................-65~150℃
MaximumJunction temperature ,T j(max) ................................................................125℃
Static characteristics
VCC = 2.3 V to 5.5 V; GND = 0 V; Tamb= -40 °C to +85 °C; unless otherwise specified.
Table 2: Static characteristic
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Power supply
VCC
Supply voltage
2.3
-
5.5
V
ICC
Supply current
Operating mode; VCC = 5.5 V; no load;
fSCL= 100 kHz
-
290
400
μA
Istb
Standby current
Standby mode; VCC = 5.5 V; no load;
VI = GND; fSCL= 0 kHz; I/O = inputs
-
225
350
uA
Standby mode; VCC = 5.5 V; no load;
VI = VCC; fSCL= 0 kHz; I/O = inputs
-
0.25
1
μA
VPOR
Power-on reset voltage
[1]
-
1.16
1.41
V
Input SCL, input/output SDA
VIL
Low level input voltage
-0.5
-
+0.3VCC
V
VIH
High level input voltage
0.7VCC
-
5.5
V
IOL
Low level output current
VOL=0.4V
3
6
-
mA
IL
Leakage current
VI=VCC=GND
-1
-
1
μA
Ci
Input capacitance
VI =GND
-
6
10
pF
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other
conditions above those indicated in the operational
sections of this specification is not implied.
Exposure to absolute maximum rating conditions
for extended periods may affect reliability.


Similar Part No. - PI4IOE5V9536

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4IOE5V9535 PERICOM-PI4IOE5V9535 Datasheet
572Kb / 16P
   SMBus I/O port with interrupt
PI4IOE5V9535LE PERICOM-PI4IOE5V9535LE Datasheet
572Kb / 16P
   SMBus I/O port with interrupt
PI4IOE5V9535LEX PERICOM-PI4IOE5V9535LEX Datasheet
572Kb / 16P
   SMBus I/O port with interrupt
PI4IOE5V9535ZDEX PERICOM-PI4IOE5V9535ZDEX Datasheet
572Kb / 16P
   SMBus I/O port with interrupt
PI4IOE5V9537 PERICOM-PI4IOE5V9537 Datasheet
466Kb / 13P
   interrupt and reset
More results

Similar Description - PI4IOE5V9536

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9539 TI1-PCA9539_15 Datasheet
1Mb / 42P
[Old version datasheet]   SMBus Low-Power I/O Expander
PCF8575C TI1-PCF8575C_15 Datasheet
1Mb / 38P
[Old version datasheet]   SMBus Low-Power I/O Expander
PCA9535 TI1-PCA9535_15 Datasheet
1Mb / 42P
[Old version datasheet]   SMBus Low-Power I/O Expander
logo
Pericom Semiconductor C...
PI4IOE5V9535 PERICOM-PI4IOE5V9535 Datasheet
572Kb / 16P
   SMBus I/O port with interrupt
PI4IOE5V9557 PERICOM-PI4IOE5V9557 Datasheet
597Kb / 15P
   SMBus I/O port with reset
PI4IOE5V9554 PERICOM-PI4IOE5V9554 Datasheet
463Kb / 1P
   SMBus I/O port with Interrupt
logo
NXP Semiconductors
PCA9534 PHILIPS-PCA9534 Datasheet
146Kb / 17P
   8-bit I2C and SMBus, low power I/O port with interrupt
2004 Sep 30
PCA9535 PHILIPS-PCA9535 Datasheet
139Kb / 19P
   16-bit I2C and SMBus, low power I/O port with interrupt
2003 Jun 27
logo
ON Semiconductor
PCA9554 ONSEMI-PCA9554 Datasheet
103Kb / 11P
   8-bit I2C and SMBus I/O Port
November, 2017 ??Rev. 0
logo
NXP Semiconductors
PCA9535 NXP-PCA9535 Datasheet
190Kb / 32P
   16-bit I2C-bus and SMBus, low power I/O port with interrupt
Rev. 03-4 October 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com