Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCR1616NP-330M Datasheet(PDF) 3 Page - Sumida Corporation

Part # RCR1616NP-330M
Description  PIN Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCR1616NP-330M Datasheet(HTML) 3 Page - Sumida Corporation

  RCR1616NP-330M Datasheet HTML 1Page - Sumida Corporation RCR1616NP-330M Datasheet HTML 2Page - Sumida Corporation RCR1616NP-330M Datasheet HTML 3Page - Sumida Corporation RCR1616NP-330M Datasheet HTML 4Page - Sumida Corporation RCR1616NP-330M Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page 3 of 5
Revised: 7-Jan-14
PIN
PIN
PIN
PIN Power Inductor
Power Inductor
Power Inductor
Power Inductor
RCR1616
0
15
30
45
60
75
90
0
2
4
6
8
0
10
20
30
40
50
60
0
10
20
30
40
50
60
0
2
4
6
8
0
10
20
30
40
50
60
0
8
16
24
32
40
48
0
2
4
6
8
10
0
10
20
30
40
50
60
0
8
16
24
32
40
48
0
2
4
6
8
10
0
10
20
30
40
50
60
0
6
12
18
24
30
36
0
2
4
6
8
10
12
0
10
20
30
40
50
60
0
4
8
12
16
20
24
0
2
4
6
8
10
12
0
10
20
30
40
50
60
0
4
8
12
16
20
24
0
3
6
9
12
15
0
10
20
30
40
50
60
0
3
6
9
12
15
18
0
3
6
9
12
15
0
10
20
30
40
50
60
0
3
6
9
12
15
18
0
3
6
9
12
15
18
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0
5
10
15
20
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0
5
10
15
20
25
0
10
20
30
40
50
60
0
1
2
3
4
5
6
0
5
10
15
20
25
30
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
1. RCR1616NP-4R7M
△T (℃)
L (
μH)
2. RCR1616NP-6R8M
△T (℃)
L (
μH)
3. RCR1616NP-100M
L (
μH)
DC (A)
5. RCR1616NP-150M
△T (℃)
L (
μH)
6. RCR1616NP-180M
7. RCR1616NP-220M
△T (℃)
L (
μH)
8. RCR1616NP-270M
△T (℃)
L (
μH)
DC (A)
4. RCR1616NP-120M
△T (℃)
DC (A)
DC (A)
DC (A)
DC (A)
DC (A)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
9. RCR1616NP-330M
△T (℃)
L (
μH)
DC (A)
DC (A)
L (20
℃)
△T
L (100
℃)
10. RCR1616NP-390M
△T (℃)
L (
μH)
DC (A)
11. RCR1616NP-470M
△T (℃)
L (
μH)
DC (A)
12. RCR1616NP-560M
△T (℃)
L (
μH)
DC (A)


Similar Part No. - RCR1616NP-330M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCR1616NP-330M SUMIDA-RCR1616NP-330M Datasheet
157Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
More results

Similar Description - RCR1616NP-330M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH-664 SUMIDA-RCH-664_14 Datasheet
298Kb / 6P
   PIN Power Inductor
RCH4764B SUMIDA-RCH4764B Datasheet
176Kb / 4P
   PIN Power Inductor
RCH8011 SUMIDA-RCH8011_14 Datasheet
238Kb / 5P
   PIN Power Inductor
RCH109 SUMIDA-RCH109_14 Datasheet
238Kb / 5P
   PIN Power Inductor
R58 SUMIDA-R58_14 Datasheet
188Kb / 4P
   PIN Power Inductor
RP1315B SUMIDA-RP1315B Datasheet
248Kb / 5P
   PIN Power Inductor
RCH8010 SUMIDA-RCH8010 Datasheet
428Kb / 4P
   PIN Power Inductor
RCR-110D SUMIDA-RCR-110D_14 Datasheet
235Kb / 5P
   PIN Power Inductor
RCH-895 SUMIDA-RCH-895_14 Datasheet
352Kb / 8P
   PIN Power Inductor
RCH-855 SUMIDA-RCH-855_14 Datasheet
315Kb / 7P
   PIN Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com