Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LBC773 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN75LBC773
Description  GEOPORT TRANSCEIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LBC773 Datasheet(HTML) 5 Page - Texas Instruments

  SN75LBC773_05 Datasheet HTML 1Page - Texas Instruments SN75LBC773_05 Datasheet HTML 2Page - Texas Instruments SN75LBC773_05 Datasheet HTML 3Page - Texas Instruments SN75LBC773_05 Datasheet HTML 4Page - Texas Instruments SN75LBC773_05 Datasheet HTML 5Page - Texas Instruments SN75LBC773_05 Datasheet HTML 6Page - Texas Instruments SN75LBC773_05 Datasheet HTML 7Page - Texas Instruments SN75LBC773_05 Datasheet HTML 8Page - Texas Instruments SN75LBC773_05 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SN75LBC773
GEOPORT
™ TRANSCEIVER
SLLS247C – FEBRUARY 1997 – NOVEMBER 1997
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
receiver electrical characteristics over recommended operating conditions (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT+
Positive-going input threshold voltage
200
mV
VIT–
Negative-going input threshold voltage
See Figure 6
–200
mV
Vhys
Differential input voltage hysteresis (VIT+ – VIT–)
50
mV
VOH
High-level output voltage (see Note 4)
VIC = 0,
See Figure 6
IOH = –2 mA,
2
4.5
V
VOL
Low-level output voltage
VIC = 0,
See Figure 6
IOL = 2 mA,
0.4
0.8
V
IOS
Short circuit output current
VO = 0
–45
–85
mA
IOS
Short-circuit output current
VO = 5.25 V
45
85
mA
RIN
Input resistance
VCC = 0 or 5.25 V,
–12 V
≤ VI ≤ 12 V
6
30
k
NOTE 4: If the inputs are left unconnected, receivers one and two interpret this as a high-level input and receiver three interprets this as a low-level
input so that all outputs are at the high level.
receiver switching characteristics over recommended conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPHL
Propagation delay time, high-to-low level output
30
75
ns
tPLH
Propagation delay time, low-to-high level output
RL = 2 kΩ,
CL = 15 pF,
30
75
ns
tr
Rise time
L
,
See Figure 6
L
,
15
30
ns
tf
Fall time
15
30
ns
tSK(P)
Pulse skew |tPLH-tPHL|
20
ns
tPZL
Receiver output enable time to low-level output
35
100
ns
tPZH
Receiver output enable time to high-level output
35
100
ns
tPLZ
Receiver output disable time from low-level
output
Differential
20
100
ns
tPHZ
Receiver output disable time from high-level
output
CL =50 pF
See Figure 7
20
100
ns
tPZL
Receiver output enable time to low-level output
CL = 50 pF,
See Figure 7
12
25
µs
tPZH
Receiver output enable time to high-level output
12
25
µs
tPLZ
Receiver output disable time from low-level
output
Single-ended
25
100
ns
tPHZ
Receiver output disable time from high-level
output
125
400
ns


Similar Part No. - SN75LBC773_05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC773DW TI-SN75LBC773DW Datasheet
173Kb / 13P
[Old version datasheet]   GEOPORTE TRANSCEIVER
More results

Similar Description - SN75LBC773_05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC771 TI1-SN75LBC771_07 Datasheet
275Kb / 14P
[Old version datasheet]   GEOPORT TRANSCEIVER
SN75LBC776DWR TI1-SN75LBC776DWR Datasheet
537Kb / 17P
[Old version datasheet]   SINGLE-CHIP GeoPort TRANSCEIVER
logo
ON Semiconductor
NCN5121 ONSEMI-NCN5121 Datasheet
1Mb / 57P
   Transceiver
October, 2015 ??Rev. 0
logo
OPLINK Communications I...
TPP1XGDS0XG OPLINK-TPP1XGDS0XG Datasheet
265Kb / 6P
   Transceiver
TPP1XGJERXG OPLINK-TPP1XGJERXG Datasheet
266Kb / 6P
   Transceiver
logo
IC-Haus GmbH
IC-GF ICHAUS-IC-GF Datasheet
890Kb / 26P
   TRANSCEIVER
logo
ON Semiconductor
NCN5110 ONSEMI-NCN5110 Datasheet
291Kb / 24P
   Transceiver
October, 2015 ??Rev. 0
NCN5130 ONSEMI-NCN5130 Datasheet
465Kb / 58P
   Transceiver
October, 2015 ??Rev. 2
logo
IC-Haus GmbH
IC-GF ICHAUS-IC-GF_15 Datasheet
1Mb / 30P
   TRANSCEIVER
logo
List of Unclassifed Man...
78P2253-IGT ETC-78P2253-IGT Datasheet
107Kb / 23P
   Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com