Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI4IOE5V9535LE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI4IOE5V9535LE
Description  SMBus I/O port with interrupt
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4IOE5V9535LE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI4IOE5V9535LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI4IOE5V9535LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4IOE5V9535LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4IOE5V9535LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4IOE5V9535LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4IOE5V9535LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4IOE5V9535LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4IOE5V9535LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4IOE5V9535LE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||
|||||||||||||||||
2016-01-0026
PT0561-2
02/15/16
4
PI4IOE5V9535
16-bit I
2C-bus and SMBus I/O port with interrupt
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/Os
VIL
Low level input voltage
-0.5
-
+0.81
V
VIH
High level input voltage
+1.8
-
5.5
V
IOL
Low level output current
VCC = 2.3 V to 5.5 V; VOL = 0.5 V
[2]
8
10
-
mA
VCC = 2.3 V to 5.5 V; VOL = 0.7 V
[2]
10
14
-
mA
VOH
High level output voltage
IOH=-8mA;VCC=2.3V
[3]
1.8
-
-
V
IOH=-10mA;VCC=2.3V
[3]
1.7
-
-
V
IOH=-8mA;VCC=3.0V
[3]
2.6
-
-
V
IOH=-10mA;VCC=3.0V
[3]
2.5
-
-
V
IOH=-8mA;VCC=4.75V
[3]
4.1
-
-
V
IOH=-10mA;VCC=4.75V
[3]
4.0
-
-
V
ILIH
High level input leakage
current
VCC=5.5V; VI=VCC
-
-
1
μA
ILIL
Low level input leakage
current
VCC=5.5V; VI=GND
-
-
-1
μA
Ci
Input capacitance
-
3.7
10
pF
Co
Output capacitance
-
3.7
10
pF
Interrupt INT
IOL
Low level output current
VOL=0.4V
3
-
-
mA
Select inputs A0,A1,A2
VIL
Low level input voltage
-0.5
-
+0.81
V
VIH
High level input voltage
+1.8
-
5.5
V
IL
Input leakage current
-1
1
μA
Note:
[1]: VCC must be lowered to 0.2 V for at least 20 us in order to reset part.
[2]: Each I/O must be externally limited to a maximum of 25 mA and each octal (IO0_0 to IO0_7 and IO1_0 to IO1_7) must be
limited to a maximum current of 100 mA for a device total of 200 mA.
[3]: The total current sourced by all I/Os must be limited to 160 mA.


Similar Part No. - PI4IOE5V9535LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4IOE5V9536 PERICOM-PI4IOE5V9536 Datasheet
498Kb / 12P
   SMBus low power I/O port
PI4IOE5V9536UE PERICOM-PI4IOE5V9536UE Datasheet
498Kb / 12P
   SMBus low power I/O port
PI4IOE5V9536UEX PERICOM-PI4IOE5V9536UEX Datasheet
498Kb / 12P
   SMBus low power I/O port
PI4IOE5V9536WE PERICOM-PI4IOE5V9536WE Datasheet
498Kb / 12P
   SMBus low power I/O port
PI4IOE5V9536WEX PERICOM-PI4IOE5V9536WEX Datasheet
498Kb / 12P
   SMBus low power I/O port
More results

Similar Description - PI4IOE5V9535LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4IOE5V9554 PERICOM-PI4IOE5V9554 Datasheet
463Kb / 1P
   SMBus I/O port with Interrupt
logo
Texas Instruments
PCA9554 TI1-PCA9554_15 Datasheet
768Kb / 34P
[Old version datasheet]   SMBus I/O Expander With Interrupt Output
logo
ON Semiconductor
CAT9534 ONSEMI-CAT9534 Datasheet
172Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9004 Rev. D
logo
Catalyst Semiconductor
CAT9554A CATALYST-CAT9554A Datasheet
267Kb / 16P
   8-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9554 PHILIPS-PCA9554 Datasheet
183Kb / 20P
   8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
logo
Texas Instruments
PCA9554A TI1-PCA9554A_15 Datasheet
1Mb / 40P
[Old version datasheet]   SMBus I/O Expander With Interrupt Output
PCA9555 TI1-PCA9555_15 Datasheet
1Mb / 42P
[Old version datasheet]   SMBus I/O Expander With Interrupt Output
logo
Catalyst Semiconductor
CAT9555 CATALYST-CAT9555 Datasheet
212Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
ON Semiconductor
CAT9555 ONSEMI-CAT9555 Datasheet
389Kb / 18P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. J
CAT9555WI ONSEMI-CAT9555WI Datasheet
201Kb / 17P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com