Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LBC241DW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LBC241DW
Description  LOW-POWER LinBiCMOS MULTIPLE DRIVERS AND RECEIVERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LBC241DW Datasheet(HTML) 4 Page - Texas Instruments

  SN75LBC241DW Datasheet HTML 1Page - Texas Instruments SN75LBC241DW Datasheet HTML 2Page - Texas Instruments SN75LBC241DW Datasheet HTML 3Page - Texas Instruments SN75LBC241DW Datasheet HTML 4Page - Texas Instruments SN75LBC241DW Datasheet HTML 5Page - Texas Instruments SN75LBC241DW Datasheet HTML 6Page - Texas Instruments SN75LBC241DW Datasheet HTML 7Page - Texas Instruments SN75LBC241DW Datasheet HTML 8Page - Texas Instruments SN75LBC241DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SN75LBC241
LOW-POWER LinBiCMOS
 MULTIPLE DRIVERS AND RECEIVERS
SLLS137F – MAY 1992 – REVISED FEBRUARY 2001
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High level output voltage
TOUT
RL = 3 kΩ to GND, See Note 3
5
9
V
VOH
High-level output voltage
ROUT
IOH = –1 mA
3.5
V
VOL
Low level output voltage
TOUT
RL = 3 kΩ to GND, See Note 4
–9‡
–5
V
VOL
Low-level output voltage
ROUT
IOL = 3.2 mA
0.4
V
VIT+
Receiver positive-going input threshold voltage
RIN
VCC = 5 V,
TA = 25°C
1.7
2.4
V
VIT–
Receiver negative-going input threshold voltage
RIN
VCC = 5 V,
TA = 25°C
0.8
1.2
V
Vhys Input hysteresis voltage (VIT+ – VIT–)
RIN
VCC = 5 V
0.5
1
V
ri
Receiver input resistance
RIN
VCC = 5 V,
TA = 25°C
3
5
7
k
ro
Output resistance
TOUT
VDD = VSS = VCC = 0,
VO = ±2 V
300
IOS
Short-circuit output current§
TOUT
VCC = 5.5 V,
VO = 0
±10
mA
IIS
Short-circuit input current
TIN
VI = 0
200
µA
ICC
Supply current
VCC = 5.5 V, TA = 25°C,
All outputs open
4
8
mA
ICC
Supply current
All outputs open, TA = 25°C,
SHUTDOWN high
1
10
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The algebraic convention, in which the least positive (most negative) value is designated minimum, is used in this data sheet for logic voltage
levels only.
§ Not more than one output should be shorted at one time.
NOTES:
3. Total IOH drawn from TOUT1, TOUT2, TOUT3, TOUT4, and VDD terminals should not exceed 12 mA.
4. Total IOL drawn from TOUT1, TOUT2, TOUT3, TOUT4, and VSS terminals should not exceed –12 mA.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH(R)
Receiver propagation-delay time,
low- to high-level output
See Figure 1
500
ns
tPHL(R)
Receiver propagation-delay time,
high- to low-level output
See Figure 1
500
ns
tPZH
Receiver output-enable time to high level
See Figure 4
100
ns
tPZL
Receiver output-enable time to low level
See Figure 4
100
ns
tPHZ
Receiver output-disable time from high level
See Figure 4
50
ns
tPLZ
Receiver output-disable time from low level
See Figure 4
50
ns
SR
Driver slew rate
RL = 3 kΩ to 7 kΩ, CL = 2500 pF,
See Figure 3
30
V/
µs
SR(tr)
Driver transition-region slew rate
RL = 3 kΩ to 7 kΩ, CL = 2500 pF,
See Figure 3
4
6
V/
µs


Similar Part No. - SN75LBC241DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC241DW TI-SN75LBC241DW Datasheet
129Kb / 8P
[Old version datasheet]   LOW-POWER LinBiCMOSE MULTIPLE DRIVERS AND RECEIVERS
SN75LBC241DW TI-SN75LBC241DW Datasheet
206Kb / 10P
[Old version datasheet]   LOW-POWER LinBiCMOS MULTIPLE DRIVERS AND RECEIVERS
SN75LBC241DWE4 TI-SN75LBC241DWE4 Datasheet
206Kb / 10P
[Old version datasheet]   LOW-POWER LinBiCMOS MULTIPLE DRIVERS AND RECEIVERS
SN75LBC241DWR TI-SN75LBC241DWR Datasheet
206Kb / 10P
[Old version datasheet]   LOW-POWER LinBiCMOS MULTIPLE DRIVERS AND RECEIVERS
SN75LBC241DWRE4 TI-SN75LBC241DWRE4 Datasheet
206Kb / 10P
[Old version datasheet]   LOW-POWER LinBiCMOS MULTIPLE DRIVERS AND RECEIVERS
More results

Similar Description - SN75LBC241DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC241 TI-SN75LBC241_06 Datasheet
206Kb / 10P
[Old version datasheet]   LOW-POWER LinBiCMOS MULTIPLE DRIVERS AND RECEIVERS
SN75C185 TI-SN75C185_06 Datasheet
305Kb / 13P
[Old version datasheet]   LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75C185 TI1-SN75C185_16 Datasheet
1Mb / 18P
[Old version datasheet]   LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75C185 TI-SN75C185 Datasheet
141Kb / 10P
[Old version datasheet]   LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75LBC241 TI-SN75LBC241 Datasheet
129Kb / 8P
[Old version datasheet]   LOW-POWER LinBiCMOSE MULTIPLE DRIVERS AND RECEIVERS
SN75LP1185 TI-SN75LP1185 Datasheet
117Kb / 8P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP196 TI-SN75LP196 Datasheet
104Kb / 8P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185 TI1-SN75LP1185_16 Datasheet
1Mb / 17P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185 TI-SN75LP1185_06 Datasheet
316Kb / 13P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75C185 STMICROELECTRONICS-ST75C185 Datasheet
111Kb / 13P
   LOW POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com