Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI4IOE5V9522UE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI4IOE5V9522UE
Description  interrupt and reset
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4IOE5V9522UE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI4IOE5V9522UE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI4IOE5V9522UE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4IOE5V9522UE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4IOE5V9522UE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4IOE5V9522UE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4IOE5V9522UE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4IOE5V9522UE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4IOE5V9522UE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4IOE5V9522UE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
4-bit I
2C-bus and SMBus low power I/O port with interrupt and reset
2016-01-0027
PT0556-1
02/15/16
1
PI4IOE5V9522
Features
 Operation power supply voltage from 2.3V to 5.5V
 4-bit I2C-bus GPIO with interrupt and reset
 5V tolerant I/Os
 Active Low interrupt output
 Active Low reset input
 Polarity inversion register
 Low current consumption
 0Hz to 1MHz clock frequency
 Noise filter on SCL/SDA inputs
 Power-on reset
 ESD protection (4KV HBM and 1KV CDM)
 Package offered:MSOP-10L
Pin Configuration
Description
The PI4IOE5V9522 provides 4 bits of General
Purpose parallel Input/Output (GPIO) expansion for
I
2C-bus/ SMBus applications. It includes the features
such as higher driving capability, 5V tolerance, lower
power supply, individual I/O configuration, and
smaller packaging. It provides a simple solution when
additional I/O is needed for ACPI power switches,
sensors, push buttons, LEDs, fans, etc.
The PI4IOE5V9522 consists of a 4-bit register to
configure the I/Os as either inputs or outputs, and a 4-
bit polarity registers to change the polarity of the input
port register data. The data for each input or output is
kept in the corresponding Input port or Output port
register. All registers can be read by the system master.
The PI4IOE5V9522 open-drain interrupt output
(INT) is activated when any input state and is used to
indicate the system master that an input state has
changed.
The power-on reset sets the registers to their
default values and initializes the device state machine.
The Reset pin causes the same reset/initialization to
occur without de-powering the device.
Figure1 :MSOP-10


Similar Part No. - PI4IOE5V9522UE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4IOE5V9521 PERICOM-PI4IOE5V9521 Datasheet
382Kb / 13P
   interrupt and reset
PI4IOE5V9521XTEX PERICOM-PI4IOE5V9521XTEX Datasheet
382Kb / 13P
   interrupt and reset
More results

Similar Description - PI4IOE5V9522UE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4IOE5V9539 PERICOM-PI4IOE5V9539 Datasheet
584Kb / 17P
   interrupt and reset
PI4IOE5V9538 PERICOM-PI4IOE5V9538 Datasheet
127Kb / 1P
   interrupt and reset
PI4IOE5V9521 PERICOM-PI4IOE5V9521 Datasheet
382Kb / 13P
   interrupt and reset
PI4IOE5V9537 PERICOM-PI4IOE5V9537 Datasheet
466Kb / 13P
   interrupt and reset
logo
Texas Instruments
PCA9545A TI1-PCA9545A_16 Datasheet
1Mb / 37P
[Old version datasheet]   Interrupt Logic and Reset Functions
logo
NXP Semiconductors
PCA9543 PHILIPS-PCA9543 Datasheet
120Kb / 15P
   2-channel I2C switch with interrupt logic and reset
2004 Oct 01
PCA9545 PHILIPS-PCA9545 Datasheet
118Kb / 14P
   4-channel I2C switch with interrupt logic and reset
2002 Mar 28
PCA9545APW PHILIPS-PCA9545APW Datasheet
155Kb / 27P
   4-channel I2C switch with interrupt logic and reset
Rev. 03-3 March 2005
PCA9543A NXP-PCA9543A Datasheet
131Kb / 23P
   2-channel I2C-bus switch with interrupt logic and reset
Rev. 05-17 November 2008
PCA9545A NXP-PCA9545A Datasheet
160Kb / 28P
   4-channel I2C-bus switch with interrupt logic and reset
Rev. 07-19 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com