Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI4IOE5V9521XTEX Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI4IOE5V9521XTEX
Description  interrupt and reset
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4IOE5V9521XTEX Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI4IOE5V9521XTEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI4IOE5V9521XTEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4IOE5V9521XTEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4IOE5V9521XTEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4IOE5V9521XTEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4IOE5V9521XTEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4IOE5V9521XTEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4IOE5V9521XTEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4IOE5V9521XTEX Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
2016-02-0002
PT0564-1
03/29/16
4
PI4IOE5V9521
2-bit I
2C-bus and SMBus
low power I/O port with interrupt and reset
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/Os
VIL
Low level input voltage
-0.5
-
+0.81
V
VIH
High level input voltage
+1.8
-
5.5
V
IOL
Low level output current
VCC = 2.3 V; VOL = 0.5 V
[2]
8
10
-
mA
VCC = 2.3 V; VOL = 0.7 V
[2]
10
13
-
mA
VCC = 3.0 V; VOL = 0.5 V
[2]
8
14
-
mA
VCC = 3.0 V; VOL = 0.7 V
[2]
10
19
-
mA
VCC = 4.5 V; VOL = 0.5 V
[2]
8
17
-
mA
VCC = 4.5 V; VOL = 0.7 V
[2]
10
24
-
mA
VOH
High level output voltage
IOH = -8mA; VCC = 2.3V
[3]
1.8
-
-
V
IOH = -10mA; VCC = 2.3V
[3]
1.7
-
-
V
IOH = -8mA; VCC = 3.0V
[3]
2.6
-
-
V
IOH = -10mA; VCC = 3.0V
[3]
2.5
-
-
V
IOH = -8mA; VCC = 4.75V
[3]
4.1
-
-
V
IOH = -10mA; VCC = 4.75V
[3]
4.0
-
-
V
IL
Input leakage current
VCC = 3.6V; VI = VCC = GND
-1
-
1
μA
Ci
Input capacitance
-
3.7
10
pF
Interrupt INT
IOL
Low level output current
VOL = 0.4V
3
13
-
mA
IOH
High level output current
VOL = 0.4V
-1
+1
uA
Reset RESET
VIL
Low level input voltage
-0.5
-
+0.81
V
VIH
High level input voltage
+1.8
-
5.5
V
IL
Input leakage current
VI = VCC = GND
-1
1
μA
Note:
[1]: VCC must be lowered to 0.2 V for at least 5 us in order to reset part.
[2]: Each I/O must be externally limited to a maximum of 25 mA and the device must be limited to a maximum current of 50 mA.
[3]: The total current sourced by all I/Os must be limited to 40 mA.


Similar Part No. - PI4IOE5V9521XTEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4IOE5V9522 PERICOM-PI4IOE5V9522 Datasheet
469Kb / 13P
   interrupt and reset
PI4IOE5V9522UE PERICOM-PI4IOE5V9522UE Datasheet
469Kb / 13P
   interrupt and reset
PI4IOE5V9522UEX PERICOM-PI4IOE5V9522UEX Datasheet
469Kb / 13P
   interrupt and reset
More results

Similar Description - PI4IOE5V9521XTEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4IOE5V9539 PERICOM-PI4IOE5V9539 Datasheet
584Kb / 17P
   interrupt and reset
PI4IOE5V9538 PERICOM-PI4IOE5V9538 Datasheet
127Kb / 1P
   interrupt and reset
PI4IOE5V9522 PERICOM-PI4IOE5V9522 Datasheet
469Kb / 13P
   interrupt and reset
PI4IOE5V9537 PERICOM-PI4IOE5V9537 Datasheet
466Kb / 13P
   interrupt and reset
logo
Texas Instruments
PCA9545A TI1-PCA9545A_16 Datasheet
1Mb / 37P
[Old version datasheet]   Interrupt Logic and Reset Functions
logo
NXP Semiconductors
PCA9543 PHILIPS-PCA9543 Datasheet
120Kb / 15P
   2-channel I2C switch with interrupt logic and reset
2004 Oct 01
PCA9545 PHILIPS-PCA9545 Datasheet
118Kb / 14P
   4-channel I2C switch with interrupt logic and reset
2002 Mar 28
PCA9545APW PHILIPS-PCA9545APW Datasheet
155Kb / 27P
   4-channel I2C switch with interrupt logic and reset
Rev. 03-3 March 2005
PCA9543A NXP-PCA9543A Datasheet
131Kb / 23P
   2-channel I2C-bus switch with interrupt logic and reset
Rev. 05-17 November 2008
PCA9545A NXP-PCA9545A Datasheet
160Kb / 28P
   4-channel I2C-bus switch with interrupt logic and reset
Rev. 07-19 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com