Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75DP119RGYR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP119RGYR
Description  DisplayPort 1:1 Signal Repeater and Signal Conditioner
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75DP119RGYR Datasheet(HTML) 3 Page - Texas Instruments

  SN75DP119RGYR Datasheet HTML 1Page - Texas Instruments SN75DP119RGYR Datasheet HTML 2Page - Texas Instruments SN75DP119RGYR Datasheet HTML 3Page - Texas Instruments SN75DP119RGYR Datasheet HTML 4Page - Texas Instruments SN75DP119RGYR Datasheet HTML 5Page - Texas Instruments SN75DP119RGYR Datasheet HTML 6Page - Texas Instruments SN75DP119RGYR Datasheet HTML 7Page - Texas Instruments SN75DP119RGYR Datasheet HTML 8Page - Texas Instruments SN75DP119RGYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
14
1
9
13
12
11
10
8
7
6
2
3
4
5
GNDpad
1
2
3
4
5
6
7
8
11
10
12
13
14
15
16
17
35
36
34
33
32
31
30
29
26
27
24 23 22 21 20
25
9
18
19
28
thermalPad.
connectthis
padtoGND.
DP119
RGY package
(TopView)
DP119
RHHpackage
(TopView)
VOD_CTL
PRE_CTL
EQ_CTL
EN
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
VOD_CTL
PRECTL
GND
EQ_CTL
EN
SN75DP119
www.ti.com
SLLSE12A – NOVEMBER 2009 – REVISED JULY 2014
6 Pin Configuration and Functions
Pin Functions, RGY Package
PIN
DESCRIPTION
NAME
NUMBER
I/O
MAIN LINK INPUT PINS
IN0p
2
DisplayPort Main Link Channel 0 Differential Input
IN0n
3
I [100Ω diff]
IN1p
5
DisplayPort Main Link Channel 1 Differential Input
IN1n
6
MAIN LINK OUTPUT PINS
OUT0p
13
DisplayPort Main Link Channel 0 Differential Output
OUT0n
12
O [100Ω diff]
OUT1p
10
DisplayPort Main Link Channel 1 Differential Output
OUT1n
9
CONTROL PINS
Enable. This input is a 3-level input. If the input is left open, the internal input biasing pulls the input level to
VCC/2. The input can also be pulled high or low externally. This allows to configure the device for 1-channel
mode, 2-channel mode or power down mode.
3-level Input
EN
7
[CMOS]
EN = HIGH: Device in Normal Mode, both outputs OUT1 and OUT2 are enabled;
EN = VCC/2 (input left floating): Device in Normal mode, 2nd output is disabled;
EN = LOW: Device in Power Down mode. All outputs are high-impedance; Inputs are ignored
Configures the output pre-emphasis level. This input is a 3-level input. If the input is left open, the internal input
3-level Input
PRE_CTL
1
biasing pulls the input level to VCC/2. The input can also be pulled high or low externally. This allows to configure
[CMOS]
the pre-emphasis for 3 different levels. See Table 1 for configuration details.
Configures the output amplitude VOD level. This input is a 3-level input. If the input is left open, the internal input
3-level Input
VOD_CTL
14
biasing pulls the input level to VCC/2. The input can also be pulled high or low externally. This allows to configure
[CMOS]
3 different output swing amplitudes. See Table 1 for configuration details.
Configures the EQ input setting for both differential inputs. This input is a 3-level input. If the input is left open, the
internal input biasing pulls the input level to VCC/2. The input can also be pulled high or low externally. This allows
to configure the pre-emphasis for 3 different levels.
3-level Input
EQ_CTL
8
[CMOS]
EQ_CTL = LOW: 0dB (EQ turned off)
EQ_CTL = VCC/2 (input left floating): 3dB fixed
EQ EQ_CTL = HIGH (input tied to VCC): 6dB fixed EQ
SUPPLY AND GROUND PINS
VCC
4, 11
pwr
3.3V Supply
GND
thermal pad
pwr
Ground
Note: (H) Logic High: (L) Logic Low
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN75DP119


Similar Part No. - SN75DP119RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP119RGYR TI1-SN75DP119RGYR Datasheet
1Mb / 23P
[Old version datasheet]   DisplayPort 1:1 Signal Repeater and Signal Conditioner
More results

Similar Description - SN75DP119RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP119 TI1-SN75DP119 Datasheet
1Mb / 23P
[Old version datasheet]   DisplayPort 1:1 Signal Repeater and Signal Conditioner
SN75DP118 TI-SN75DP118 Datasheet
540Kb / 15P
[Old version datasheet]   DisplayPort 1:1 Repeater
SN75DP118 TI-SN75DP118_1 Datasheet
717Kb / 18P
[Old version datasheet]   DisplayPort 1:1 Repeater
SN75DP120 TI-SN75DP120 Datasheet
1Mb / 27P
[Old version datasheet]   DisplayPort 1:1 Dual-Mode Repeater
logo
Maxim Integrated Produc...
MAX1458 MAXIM-MAX1458 Datasheet
145Kb / 20P
   1%-Accurate, Digitally Trimmed Sensor Signal Conditioner
Rev 0; 5/98
logo
Vitesse Semiconductor C...
VSC7104 VITESSE-VSC7104 Datasheet
461Kb / 2P
   Quad Signal Conditioner, Octal Signal Conditioner
logo
Festo Corporation.
544216 FESTO-544216 Datasheet
85Kb / 1P
   Signal conditioner
544218 FESTO-544218 Datasheet
87Kb / 1P
   Signal conditioner
544221 FESTO-544221 Datasheet
88Kb / 1P
   Signal conditioner
544219 FESTO-544219 Datasheet
85Kb / 1P
   Signal conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com