Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LBC171DB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LBC171DB
Description  TRIPLE DIFFERENTIAL TRANSCEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LBC171DB Datasheet(HTML) 1 Page - Texas Instruments

  SN65LBC171DB Datasheet HTML 1Page - Texas Instruments SN65LBC171DB Datasheet HTML 2Page - Texas Instruments SN65LBC171DB Datasheet HTML 3Page - Texas Instruments SN65LBC171DB Datasheet HTML 4Page - Texas Instruments SN65LBC171DB Datasheet HTML 5Page - Texas Instruments SN65LBC171DB Datasheet HTML 6Page - Texas Instruments SN65LBC171DB Datasheet HTML 7Page - Texas Instruments SN65LBC171DB Datasheet HTML 8Page - Texas Instruments SN65LBC171DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SN65LBC171, SN75LBC171
TRIPLE DIFFERENTIAL TRANSCEIVERS
SLLS460A – NOVEMBER 2000 – REVISED FEBRUARY 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Three Differential Transceivers in One
Package
D Signaling Rates1 Up to 30 Mbps
D Low Power and High Speed
D Designed for TIA/EIA-485, TIA/EIA-422, ISO
8482, and ANSI X3.277 (HVD SCSI Fast–20)
Applications
D Common-Mode Bus Voltage Range
–7 V to 12 V
D ESD Protection on Bus Terminals
Exceeds 12 kV
D Driver Output Current up to ±60 mA
D Thermal Shutdown Protection
D Driver Positive and Negative Current
Limiting
D Power-Up, Power-Down Glitch-Free
Operation
D Pin-Compatible With the SN75ALS171
D Available in Shrink Small-Outline Package
description
The
SN65LBC171
and
SN75LBC171
are
monolithic
integrated
circuits
designed
for
bidirectional data communication on multipoint
bus-transmission lines. Potential applications
include serial or parallel data transmission, cabled
peripheral buses with twin axial, ribbon, or
twisted-pair cabling. These devices are suitable
for FAST–20 SCSI and can transmit or receive
data pulses as short as 25 ns, with skew less than
3 ns.
These devices combine three 3-state differential
line drivers and three differential input line
receivers, all of which operate from a single 5-V
power supply.
The driver differential outputs and the receiver differential inputs are connected internally to form three
differential input/output (I/O) bus ports that are designed to offer minimum loading to the bus whenever the driver
is disabled or VCC = 0. These ports feature a wide common-mode voltage range making the device suitable for
party-line applications over long cable runs.
The SN75LBC171 is characterized for operation over the temperature range of 0
°C to 70°C. The SN65LBC171
is characterized for operation over the temperature range of –40
°C to 85°C.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1The signaling rate of a line is the number of voltage transitions that are made per second expressed in the units bps (bits per second).
logic diagram
1R
1DE
1D
GND
GND
2R
2DE
2D
3R
3DE
1B
1A
RE
CDE
VCC
2B
2A
3B
3A
3D
SN65LBC171DB (Marked as BL171)
SN75LBC171DB (Marked as LB171)
SN65LBC171DW (Marked as 65LBC171)
SN75LBC171DW (Marked as 75LBC171)
(TOP VIEW)
CDE
1A
1DE
1D
RE
1R
2DE
2D
3DE
2R
3D
3R
1B
2A
2B
3A
3B
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11


Similar Part No. - SN65LBC171DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC171DB TI-SN65LBC171DB Datasheet
289Kb / 18P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC171DBR TI-SN65LBC171DBR Datasheet
289Kb / 18P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
More results

Similar Description - SN65LBC171DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC170 TI-SN65LBC170_08 Datasheet
474Kb / 19P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC171 TI-SN65LBC171 Datasheet
289Kb / 18P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC170 TI-SN65LBC170_07 Datasheet
407Kb / 21P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC170 TI-SN65LBC170 Datasheet
291Kb / 10P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN75ALS171 TI-SN75ALS171 Datasheet
296Kb / 19P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
SN75ALS171 TI-SN75ALS171_07 Datasheet
500Kb / 24P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_08 Datasheet
515Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com