Electronic Components Datasheet Search |
|
XC6204A43ADR Datasheet(PDF) 2 Page - Torex Semiconductor |
|
XC6204A43ADR Datasheet(HTML) 2 Page - Torex Semiconductor |
2 / 28 page ■Product Classification GSelection Guide The following options for the CE pin logic and internal pull-up/down are available: Active 'High' + no pull-down resistor built-in (standard) Active 'High' + 300k Ω pull-down resistor built-in <between CE-VSS> (semi-custom) Active 'Low' + no pull-up resistor built-in (semi-custom) Active 'Low' + 300k Ω pull-up resistor built-in <between CE-VSS> (semi-custom) Note: *With the pull-up resistor or pull-down resistor built-in types, the supply current during operation will increase by VIN / 300k Ω (TYP.) XC6204 Series 258 3 ■Pin Configuration ■Pin Assignment 5 VOUT NC VIN VSS SOT-25 USP-6B CE 4 3 2 1 VIN 1 NC 2 VOUT 3 6 CE 4 NC 5 VSS (TOP VIEW) PIN NUMBER SOT-25 USP-6B 1 2 3 1 5 6 PIN NAME FUNCTION VIN VSS CE 53 VOUT Input Ground ON/OFF Control Output 4 2,4 NC No Connection GOrdering Information DESIGNATOR A B C D 2 A M D R L 18∼16 Active 'High' (pull-down resistor built in) Active 'High' (no pull-down resistor built in) Active 'Low' (pull-up resistor built in) Active 'Low' (no pull-up resistor built in) Output Voltage : e.g. 20 = 2.0V, 30 = 3.0V etc. Output Voltage : 100mV increments, ± 2% accuracy e.g. w=3, e=8, r=2 ⇒ 3.8V, ± 2% 1 (Note1) Output Voltage : 100mV increments, ± 1% accuracy e.g. w=3, e=0, r=1 ⇒ 3.0V, ± 1% USP-6B SOT-25 Embossed Tape : Standard Feed Embossed Tape : Reverse Feed Output Voltage : 50mV increments, ± 2% accuracy e.g. w=3, e=8, r=A ⇒ 3.85V B (Note1) Output Voltage : 50mV increments, ± 1% accuracy e.g. w=3, e=0, r=B ⇒ 3.05V, ± 1% SYMBOL DESCRIPTION XC6204 qwerty Please note that the "B" version is the standard part. The A, C, & D versions are semi-custom parts. Note 1 : The output voltage range of the ±1% accuracy product is 3.0V ∼ 6.0V. 03S_04XC6204 02.9.12 2:57 PM ページ 258 |
Similar Part No. - XC6204A43ADR |
|
Similar Description - XC6204A43ADR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |