Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LBC171 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN65LBC171
Description  TRIPLE DIFFERENTIAL TRANSCEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LBC171 Datasheet(HTML) 2 Page - Texas Instruments

  SN65LBC171_09 Datasheet HTML 1Page - Texas Instruments SN65LBC171_09 Datasheet HTML 2Page - Texas Instruments SN65LBC171_09 Datasheet HTML 3Page - Texas Instruments SN65LBC171_09 Datasheet HTML 4Page - Texas Instruments SN65LBC171_09 Datasheet HTML 5Page - Texas Instruments SN65LBC171_09 Datasheet HTML 6Page - Texas Instruments SN65LBC171_09 Datasheet HTML 7Page - Texas Instruments SN65LBC171_09 Datasheet HTML 8Page - Texas Instruments SN65LBC171_09 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SN65LBC171, SN75LBC171
TRIPLE DIFFERENTIAL TRANSCEIVERS
SLLS460A – NOVEMBER 2000 – REVISED FEBRUARY 2001
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
AVAILABLE OPTIONS{
PACKAGE
TA
PLASTIC SMALL-OUTLINE
(JEDEC MS-013)
PLASTIC SHRINK SMALL-OUTLINE
(JEDEC MO-150)
0
°C to 70°C
SN75LBC171DW
SN75LBC171DB
– 40
°C to 85°C
SN65LBC171DW
SN65LBC171DB
† Add R suffix for taped and reel
INPUT
D
OUTPUTS
H
L
OPEN
X
X
X
X
EACH DRIVER
A
H
L
L
Z
Z
Z
Z
L
H
H
Z
Z
Z
Z
B
ENABLE
DIFFERENTIAL INPUT
(VA–VB)
OUTPUT
R
ENABLE
RE
VID ≥ 0.2 V
L
H
– 0.2 V < VID < 0.2 V
L
?
VID ≤ – 0.2 V
L
L
XH
Z
H = high level, L = low level, X = irrelevant,
Z = high impedance (off), ? = indeterminate
EACH RECEIVER
Function Tables
DE
CDE
H
H
H
L
X
OPEN
X
H
H
H
X
L
X
OPEN
OPEN
LH
equivalent input and output schematic diagrams
VCC
RE INPUT
1 k
8 V
Input
100 k
VCC
D, DE,CDE INPUTS
1 k
8 V
Input
100 k
Output
R OUTPUT
VCC
VCC
A INPUT
16 V
16 V
100 k
18 k
4 k
4 k
Input
VCC
B INPUT
16 V
16 V
100 k
18 k
4 k
4 k
Input
16 V
16 V
18 k
4 k
4 k
VCC
Output
A AND B OUTPUT
40


Similar Part No. - SN65LBC171_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC171DB TI-SN65LBC171DB Datasheet
289Kb / 18P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC171DBR TI-SN65LBC171DBR Datasheet
289Kb / 18P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC171DW TI-SN65LBC171DW Datasheet
289Kb / 18P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC171DWG4 TI-SN65LBC171DWG4 Datasheet
289Kb / 18P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC171DWR TI-SN65LBC171DWR Datasheet
289Kb / 18P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
More results

Similar Description - SN65LBC171_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC170 TI-SN65LBC170_08 Datasheet
474Kb / 19P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC171 TI-SN65LBC171 Datasheet
289Kb / 18P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC170 TI-SN65LBC170_07 Datasheet
407Kb / 21P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC170 TI-SN65LBC170 Datasheet
291Kb / 10P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN75ALS171 TI-SN75ALS171 Datasheet
296Kb / 19P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
SN75ALS171 TI-SN75ALS171_07 Datasheet
500Kb / 24P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_08 Datasheet
515Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com