Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65DP159 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65DP159
Description  SNx5DP159 6 Gbps DP to HDMI Retimer
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65DP159 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65DP159 Datasheet HTML 5Page - Texas Instruments SN65DP159 Datasheet HTML 6Page - Texas Instruments SN65DP159 Datasheet HTML 7Page - Texas Instruments SN65DP159 Datasheet HTML 8Page - Texas Instruments SN65DP159 Datasheet HTML 9Page - Texas Instruments SN65DP159 Datasheet HTML 10Page - Texas Instruments SN65DP159 Datasheet HTML 11Page - Texas Instruments SN65DP159 Datasheet HTML 12Page - Texas Instruments SN65DP159 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
9
SN65DP159, SN75DP159
www.ti.com
SLLSEJ2C – JULY 2015 – REVISED JULY 2016
Product Folder Links: SN65DP159 SN75DP159
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
The typical rating is simulated at 3.3-V VCC and 1.1-V VDD and at 27°C temperature unless otherwise noted
(2)
The maximum rating is simulated at 3.6-V VCC and 1.27-V VDD and at 85°C temperature unless otherwise noted
7.5 Power Supply Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX(2)
UNIT
PD1
Device power dissipation
(Retimer operation)
OE = H, VCC = 3.3 V/3.6 V, VDD = 1.1 V/1.27 V
IN_Dx: VID_PP = 1200 mV, 6Gbps TMDS pattern, VI = 3.3 V,
I2C_EN/PIN = L, PRE_SEL= H, EQ_CTL= H,
SDA_CTL/CLK_CTL = 0 V, VSadj = 7.06 kΩ
435
600
mW
PD2
Device power dissipation
(Redriver operation)
OE = H, VCC = 3.3 V/3.6 V, VDD = 1.1 V/1.27 V
IN_Dx: VID_PP = 1200 mV, 6Gbps TMDS pattern, VI = 3.3 V,
I2C_EN/PIN = L, PRE_SEL= H, EQ_CTL= H,
SDA_CTL/CLK_CTL = 0 V, VSadj = 7.06 kΩ
215
400
mW
PSD1
Device power in power
down
OE = L, VCC = 3.3 V/3.6 V, VDD = 1.1 V/1.27 V, VSadj = 7.06
10
30
mW
ICC1
VCC supply current
(TMDS 6Gpbs retimer
mode)
OE = H, VCC= 3.3 V/3.6 V, VDD = 1.1V/1.27 V, VSadj = 7.06
IN_Dx: VID_PP = 1200 mV, 6Gbps TMDS pattern
I2C_EN/PIN = L, PRE_SEL = H, EQ_CTL = H,
SDA_CTL/CLK_CTL = 0 V, SLEW_CTL = H
35
50
mA
IDD1
VDD supply current
(TMDS 6Gpbs retimer
mode)
OE = H, VCC = 3.3 V/3.6 V, VDD = 1.1 V/1.27 V, VSadj = 7.06
IN_Dx: VID_PP = 1200 mV, 6Gbps TMDS pattern
I2C_EN/PIN = L, PRE_SEL = H, EQ_CTL = H,
SDA_CTL/CLK_CTL = 0 V, SLEW_CTL = H
295
325
mA
ICC2
VCC supply current
(TMDS 6Gpbs redriver
mode)
OE = H, VCC = 3.3 V/3.465 V, VDD = 1.1 V/1.27 V, VSadj =
7.06 kΩ
IN_Dx: VID_PP = 1200 mV, 6Gbps TMDS pattern
I2C_EN/PIN = L, PRE_SEL = H, EQ_CTL = H,
SDA_CTL/CLK_CTL = 0 V, SLEW_CTL = H
8
20
mA
IDD2
VDD supply current
(TMDS 6Gpbs redriver
mode)
OE = H, VCC = 3.3 V/3.465 V, VDD = 1.1 V/1.27 V, VSadj =
7.06 kΩ
IN_Dx: VID_PP = 1200 mV, 6Gbps TMDS pattern
I2C_EN/PIN = L, PRE_SEL = H, EQ_CTL = H,
SDA_CTL/CLK_CTL = 0 V, SLEW_CTL = H
170
250
mA
ISD1
Power-down current
OE = L, VCC = 3.3 V/3.465 V, VDD
= 1.1 V/1.27 V, VSadj = 7.06 kΩ
3.3-V rail
2
5
mA
ISD1
Power-down current
OE = L, VCC = 3.3 V/3.465 V, VDD
= 1.1 V/1.27 V, VSadj = 7.06 kΩ
1.1-V rail
3.5
10


Similar Part No. - SN65DP159

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DP159 TI1-SN65DP159 Datasheet
1Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
SN65DP159 TI1-SN65DP159_15 Datasheet
1Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
More results

Similar Description - SN65DP159

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DP159 TI1-SN65DP159_15 Datasheet
1Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
SN65DP149 TI1-SN65DP149 Datasheet
3Mb / 52P
[Old version datasheet]   3.4 Gbps DP to HDMI Retimer
SN65DP149 TI1-SN65DP149_16 Datasheet
3Mb / 54P
[Old version datasheet]   SNx5DP149 3.4 Gbps DP to HDMI Retimer
TMDS181 TI1-TMDS181_16 Datasheet
1Mb / 59P
[Old version datasheet]   6 Gbps TMDS Retimer
TMDS181 TI1-TMDS181 Datasheet
1Mb / 58P
[Old version datasheet]   TMDS181x 6 Gbps TMDS Retimer
DS110DF1610 TI1-DS110DF1610 Datasheet
133Kb / 6P
[Old version datasheet]   8.5 to 11.3 Gbps 16 Channel Retimer
DS150DF1610 TI1-DS150DF1610 Datasheet
124Kb / 6P
[Old version datasheet]   12.5 to 15 Gbps 16-Channel Retimer
DS125DF1610 TI1-DS125DF1610 Datasheet
1Mb / 81P
[Old version datasheet]   9.8 to 12.5 Gbps 16-Channel Retimer
TMDS171 TI1-TMDS171 Datasheet
2Mb / 62P
[Old version datasheet]   3.4 Gbps TMDS RETIMER
TDP158 TI1-TDP158 Datasheet
1Mb / 55P
[Old version datasheet]   6-Gbps, AC-Coupled to TMDS or HDMI Redriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com