Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29GL256N80TFI020 Datasheet(PDF) 2 Page - SPANSION

Part # S29GL256N80TFI020
Description  MirrorBit Flash Family
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL256N80TFI020 Datasheet(HTML) 2 Page - SPANSION

  S29GL256N80TFI020 Datasheet HTML 1Page - SPANSION S29GL256N80TFI020 Datasheet HTML 2Page - SPANSION S29GL256N80TFI020 Datasheet HTML 3Page - SPANSION S29GL256N80TFI020 Datasheet HTML 4Page - SPANSION S29GL256N80TFI020 Datasheet HTML 5Page - SPANSION S29GL256N80TFI020 Datasheet HTML 6Page - SPANSION S29GL256N80TFI020 Datasheet HTML 7Page - SPANSION S29GL256N80TFI020 Datasheet HTML 8Page - SPANSION S29GL256N80TFI020 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 110 page
background image
2
S29GLxxxN MirrorBitTM Flash Family
27631A4 May 13, 2004
Adva nce
Inform at i o n
General Description
The S29GL512/256/128N family of devices are 3.0V single power flash memory
manufactured using 110 nm MirrorBit technology. The S29GL512N is a 512 Mbit,
organized as 33,554,432 words or 67,108,864 bytes. The S29GL256N is a 256
Mbit, organized as 16,777,216 words or 33,554,432 bytes. The S29GL128N is a
128 Mbit, organized as 8,388,608 words or 16,777,216 bytes. The devices have
a 16-bit wide data bus that can also function as an 8-bit wide data bus by using
the BYTE# input. The device can be programmed either in the host system or in
standard EPROM programmers.
Access times as fast as 80 ns (S29GL128N, S29GL256N) or 90 ns (S29GL512N)
are available. Note that each access time has a specific operating voltage range
(VCC) and an I/O voltage range (VIO), as specified in the Product Selector Guide
and the Ordering Information (512 Mb) sections. The devices are offered in a 56-
pin TSOP or 64-ball Fortified BGA package. Each device has separate chip enable
(CE#), write enable (WE#) and output enable (OE#) controls.
Each device requires only a single 3.0 volt power supply for both read and
write functions. In addition to a VCC input, a high-voltage accelerated program
(WP#/ACC) input provides shorter programming times through increased cur-
rent. This feature is intended to facilitate factory throughput during system
production, but may also be used in the field if desired.
The devices are entirely command set compatible with the JEDEC single-
power-supply Flash standard. Commands are written to the device using
standard microprocessor write timing. Write cycles also internally latch addresses
and data needed for the programming and erase operations.
The sector erase architecture allows memory sectors to be erased and repro-
grammed without affecting the data contents of other sectors. The device is fully
erased when shipped from the factory.
Device programming and erasure are initiated through command sequences.
Once a program or erase operation has begun, the host system need only poll the
DQ7 (Data# Polling) or DQ6 (toggle) status bits or monitor the Ready/Busy#
(RY/BY#) output to determine whether the operation is complete. To facilitate
programming, an Unlock Bypass mode reduces command sequence overhead
by requiring only two write cycles to program data instead of four.
The Enhanced VersatileI/O™ (VIO) control allows the host system to set the
voltage levels that the device generates and tolerates on all input levels (address,
chip control, and DQ input levels) to the same voltage level that is asserted on
the VIO pin. This allows the device to operate in a 1.8 V or 3 V system environ-
ment as required.
Hardware data protection measures include a low VCC detector that automat-
ically inhibits write operations during power transitions. Persistent Sector
Protection provides in-system, command-enabled protection of any combina-
tion of sectors using a single power supply at VCC. Password Sector Protection
prevents unauthorized write and erase operations in any combination of sectors
through a user-defined 64-bit password.
The Erase Suspend/Erase Resume feature allows the host system to pause an
erase operation in a given sector to read or program any other sector and then
complete the erase operation. The Program Suspend/Program Resume fea-
ture enables the host system to pause a program operation in a given sector to
read any other sector and then complete the program operation.


Similar Part No. - S29GL256N80TFI020

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S29GL256N CYPRESS-S29GL256N Datasheet
1Mb / 92P
   512, 256, 128 Mbit, 3 V, Page Flash Featuring 110 nm MirrorBit
logo
SPANSION
S29GL256N10FAI010 SPANSION-S29GL256N10FAI010 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL256N10FAI012 SPANSION-S29GL256N10FAI012 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL256N10FAI013 SPANSION-S29GL256N10FAI013 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL256N10FAI020 SPANSION-S29GL256N10FAI020 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
More results

Similar Description - S29GL256N80TFI020

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29NS-P SPANSION-S29NS-P Datasheet
3Mb / 86P
   MirrorBit Flash Family
S29GL-A SPANSION-S29GL-A Datasheet
3Mb / 89P
   S29GL-A MirrorBit Flash Family
S29GL01GS10TFI010 SPANSION-S29GL01GS10TFI010 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL01GS11TFIV20 SPANSION-S29GL01GS11TFIV20 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S72NS-P SPANSION-S72NS-P Datasheet
461Kb / 14P
   MirrorBit Flash Memory and DRAM
S25FS-S SPANSION-S25FS-S Datasheet
8Mb / 154P
   MirrorBit Flash Non-Volatile Memory
S29GL128P10TFI020 SPANSION-S29GL128P10TFI020 Datasheet
2Mb / 81P
   MirrorBit짰 Flash Family
S29GL256P90TFCR20 SPANSION-S29GL256P90TFCR20 Datasheet
2Mb / 81P
   MirrorBit짰 Flash Family
logo
Silicon Laboratories
C8051F388 SILABS-C8051F388 Datasheet
4Mb / 285P
   Flash MCU Family
Rev. 1.2
C8051F388-B SILABS-C8051F388-B Datasheet
4Mb / 285P
   Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com