Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH2100 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMH2100
Description  50-MHz to 4-GHz 40-dB Logarithmic Power Detector for CDMA and WCDMA
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH2100 Datasheet(HTML) 1 Page - Texas Instruments

  LMH2100 Datasheet HTML 1Page - Texas Instruments LMH2100 Datasheet HTML 2Page - Texas Instruments LMH2100 Datasheet HTML 3Page - Texas Instruments LMH2100 Datasheet HTML 4Page - Texas Instruments LMH2100 Datasheet HTML 5Page - Texas Instruments LMH2100 Datasheet HTML 6Page - Texas Instruments LMH2100 Datasheet HTML 7Page - Texas Instruments LMH2100 Datasheet HTML 8Page - Texas Instruments LMH2100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
PA
ANTENNA
RFIN
OUT
LMH2100
RF
VDD
GND
50 :
REF
ADC
2
CP
RP
1
6
3
4
5
-
+
COUPLER
EN
PA
ANTENNA
RFIN
OUT
LMH2100
RF
VDD
GND
50 :
EN
REF
ADC
2
CS
RS
1
6
3
4
5
-
+
COUPLER
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMH2100
SNWS020C – NOVEMBER 2007 – REVISED OCTOBER 2015
LMH2100 50-MHz to 4-GHz 40-dB Logarithmic Power Detector for CDMA and WCDMA
1 Features
3 Description
The LMH2100 is a 40-dB RF power detector intended
1
Supply Voltage: 2.7 V to 3.3 V
for use in CDMA and WCDMA applications. The
Output Voltage: 0.3 V to 2 V
device has an RF frequency range from 50 MHz to
40-dB Linear in dB Power Detection Range
4 GHz. It provides an accurate temperature and
supply compensated output voltage that relates
Shutdown
linearly to the RF input power in dBm. The circuit
Multi-Band Operation from 50 MHz to 4 GHz
operates with a single supply from 2.7 V to 3.3 V.
0.5-dB Accurate Temperature Compensation
The LMH2100 has an RF power detection range from
External Configurable Output Filter Bandwidth
−45 dBm to −5 dBm, and is ideally suited for direct
0.4-mm Pitch DSBGA Package
use in combination with a 30-dB directional coupler.
Additional low-pass filtering of the output signal can
2 Applications
be realized by means of an external resistor and
capacitor. Typical Application: Output RC Low Pass
UMTS/CDMA/WCDMA RF Power Control
Filter shows a detector with an additional output low
GSM/GPRS RF Power Control
pass filter. The filter frequency is set with RS and CS.
PA Modules
Typical Application: Feedback (R)C Low Pass Filter
IEEE 802.11b, g (WLAN)
shows a detector with an additional feedback low
pass filter. Resistor RP is optional and will lower the
Trans impedance gain (RTRANS). The filter frequency
is set with CP//CTRANS and RP//RTRANS.
The device is active for Enable = High; otherwise it is
in a low power-consumption shutdown mode. To save
power and prevent discharge of an external filter
capacitance, the output (OUT) is high-impedance
during shutdown.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (MAX)
LMH2100
DSBGA (6)
1.274 mm × 0.874 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application: Output RC Low Pass Filter
Typical Application: Feedback (R)C Low Pass
Filter
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMH2100

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH2100 NSC-LMH2100 Datasheet
1Mb / 32P
   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
logo
Texas Instruments
LMH2100 TI1-LMH2100 Datasheet
2Mb / 43P
[Old version datasheet]   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
logo
National Semiconductor ...
LMH2100TM NSC-LMH2100TM Datasheet
1Mb / 32P
   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
LMH2100TMX NSC-LMH2100TMX Datasheet
1Mb / 32P
   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
logo
Texas Instruments
LMH2100 TI1-LMH2100_14 Datasheet
2Mb / 43P
[Old version datasheet]   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
More results

Similar Description - LMH2100

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH2100 NSC-LMH2100 Datasheet
1Mb / 32P
   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
logo
Texas Instruments
LMH2100 TI1-LMH2100_14 Datasheet
2Mb / 43P
[Old version datasheet]   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
LMV221 TI1-LMV221_14 Datasheet
2Mb / 41P
[Old version datasheet]   50 MHz to 3.5 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
LMV221 TI1-LMV221_16 Datasheet
2Mb / 48P
[Old version datasheet]   LMV221 50-MHz to 3.5-GHz 40-dB Logarithmic Power Detector for CDMA and WCDMA
logo
Analog Devices
ADL5513 AD-ADL5513_08 Datasheet
1Mb / 28P
   1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
REV. 0
ADL5513 AD-ADL5513 Datasheet
1Mb / 12P
   1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
Rev. PrA 6/08
logo
National Semiconductor ...
LMV225 NSC-LMV225 Datasheet
1Mb / 21P
   RF Power Detector for CDMA and WCDMA
logo
Texas Instruments
LMV225 TI1-LMV225 Datasheet
2Mb / 39P
[Old version datasheet]   RF Power Detector for CDMA and WCDMA
LMV225 TI1-LMV225_14 Datasheet
1Mb / 30P
[Old version datasheet]   RF Power Detector for CDMA and WCDMA
logo
Analog Devices
AD8318 AD-AD8318_07 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com