Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0056 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMH0056
Description  HD/SD SDI Reclocker with 4:1 Input Multiplexer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0056 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMH0056 Datasheet HTML 7Page - Texas Instruments LMH0056 Datasheet HTML 8Page - Texas Instruments LMH0056 Datasheet HTML 9Page - Texas Instruments LMH0056 Datasheet HTML 10Page - Texas Instruments LMH0056 Datasheet HTML 11Page - Texas Instruments LMH0056 Datasheet HTML 12Page - Texas Instruments LMH0056 Datasheet HTML 13Page - Texas Instruments LMH0056 Datasheet HTML 14Page - Texas Instruments LMH0056 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
SDI
143 MBPS DATA
NO DATA
T2
270 MBPS DATA
1485 MBPS DATA
270 MBPS DATA
T1
TACQ
T2
T2
SDI
270 MBPS DATA
NO DATA
Lock
Detect
SD/HD
T2
NO DATA
1485 MBPS DATA
NO DATA
T2
Lock
Detect
SD/HD
TACQ = Acquisition Time, defined in the AC Electrical Characteristics Table
T1 = Time from Lock Detect assertion or deassertion until SD/HD output is valid, typically 37 ns (one 27 MHz clock period)
T2 = Time from SDI input change until Lock Detect de-assertion, 1 ms maximum. SD/HD output is not valid during this time.
T1
T1
TACQ
T1
TACQ
TACQ
T1
T1
TACQ
T1
T1
TACQ
T1
LMH0056
www.ti.com
SNLS236C – AUGUST 2006 – REVISED APRIL 2013
Table 3. Control Functionality
LOCK DETECT
OUTPUT MUTE
BYPASS/AUTO BYPASS
DEVICE STATUS
0
1
0
PLL unlocked, reclocker bypassed
1
1
0
PLL locked to supported data rate, reclocker not bypassed
X
0
X
Outputs muted
0
LOCK DETECT
X
Outputs muted
1
LOCK DETECT
0
PLL locked to supported data rate, reclocker not bypassed
1
LOCK DETECT
1
PLL locked to supported data rate, reclocker bypassed
X
1
1
Outputs not muted, reclocker bypassed
SD/HD
The SD/HD output indicates whether the LMH0056 is processing SD or HD data rates. It may be used to control
another device such as the LMH0002 cable driver. When this output is high it indicates that the data rate is 270
Mbps (or 143 Mbps). When low, the indicated data rate is 1483 or 1485 Mbps. The SD/HD output is a registered
function and is only valid when the PLL is locked and the Lock Detect output is high. When the PLL is not locked
(the Lock Detect output is low), the SD/HD output defaults to HD (low). The SD/HD output is undefined for a
short time after lock detect assertion or de-assertion due to a data rate change on SDI. See Figure 4 for a timing
diagram showing the relationship between SDI, Lock Detect, and SD/HD.
Figure 4. SDI, Lock Detect, and SD/HD
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMH0056


Similar Part No. - LMH0056

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0056 NSC-LMH0056 Datasheet
613Kb / 13P
   HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0056 NSC-LMH0056 Datasheet
325Kb / 16P
   HD/SD SDI Reclocker with 4:1 Input Multiplexer
logo
Texas Instruments
LMH0056 TI1-LMH0056 Datasheet
776Kb / 20P
[Old version datasheet]   LMH0056 HD/SD SDI Reclocker with 4:1 Input Multiplexer
logo
National Semiconductor ...
LMH0056SQ NSC-LMH0056SQ Datasheet
613Kb / 13P
   HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0056SQ NSC-LMH0056SQ Datasheet
325Kb / 16P
   HD/SD SDI Reclocker with 4:1 Input Multiplexer
More results

Similar Description - LMH0056

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0056 NSC-LMH0056 Datasheet
613Kb / 13P
   HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0056 NSC-LMH0056_07 Datasheet
325Kb / 16P
   HD/SD SDI Reclocker with 4:1 Input Multiplexer
logo
Texas Instruments
LMH0056 TI1-LMH0056 Datasheet
776Kb / 20P
[Old version datasheet]   LMH0056 HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0036 TI1-LMH0036 Datasheet
783Kb / 19P
[Old version datasheet]   SD SDI Reclocker with 4:1 Input Multiplexer
logo
National Semiconductor ...
LMH0036 NSC-LMH0036 Datasheet
319Kb / 14P
   SD SDI Reclocker with 4:1 Input Multiplexer
logo
Semtech Corporation
GS1675 SEMTECH-GS1675 Datasheet
1Mb / 37P
   SD/HD SDI Reclocker
logo
National Semiconductor ...
LMH0356 NSC-LMH0356 Datasheet
642Kb / 18P
   3Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
logo
Texas Instruments
LMH0046 TI1-LMH0046_14 Datasheet
2Mb / 20P
[Old version datasheet]   HD/SD SDI Reclocker With Dual Differential Outputs
LMH0356 TI1-LMH0356 Datasheet
1Mb / 28P
[Old version datasheet]   3-Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
logo
National Semiconductor ...
LMH0356 NSC-LMH0356_08 Datasheet
649Kb / 16P
   3 Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com