Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMF100 Datasheet(PDF) 8 Page - Texas Instruments

Part # LMF100
Description  Dual High-Performance Switched Capacitor Filters
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMF100 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMF100 Datasheet HTML 4Page - Texas Instruments LMF100 Datasheet HTML 5Page - Texas Instruments LMF100 Datasheet HTML 6Page - Texas Instruments LMF100 Datasheet HTML 7Page - Texas Instruments LMF100 Datasheet HTML 8Page - Texas Instruments LMF100 Datasheet HTML 9Page - Texas Instruments LMF100 Datasheet HTML 10Page - Texas Instruments LMF100 Datasheet HTML 11Page - Texas Instruments LMF100 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Not Recommended for New Designs
LMF100
SNOSBG9B – JULY 1999 – REVISED JUNE 2015
www.ti.com
Electrical Characteristics for V
+ = +2.5 V and V= −2.5 V (continued)
The following specifications apply for Mode 1, Q = 10 (R1 = R3 = 100 k, R2 = 10 k), V
+ = +2.50 V and V= −2.50 V unless
otherwise specified. All limits are TA = TJ = 25°C unless otherwise specified.
LMF100CCN
LMF100CIWM
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
RL = 5 k
1.6
1.6
All Outputs
−2.2
−2.2
±1.5
Tested
V
Limit
(1)
RL = 5 k (All
TMIN to TMAX
±1.4
VOUT
Minimum output voltage swing
Outputs)
Design
TMIN to TMAX
±1.4
Limit
(2)
1.5
1.5
RL = 3.5 k
V
All Outputs
−2.1
−2.1
GB
Operational amplifier gain BW
5
5
MHz
W
product
SR
Operational amplifier slew rate
18
18
V/µs
Source
All Outputs
10
10
mA
Maximum output,
Isc
Short circuit current
(8)
Sink
All Outputs
20
20
mA
(8)
The short circuit source current is measured by forcing the output that is being tested to its maximum positive voltage swing and then
shorting that output to the negative supply. The short circuit sink current is measured by forcing the output that is being tested to its
maximum negative voltage swing and then shorting that output to the positive supply. These are the worst case conditions.
6.7 Logic Input Characteristics
All limits apply to TA = TJ = 25°C unless otherwise specified.
LMF100CCN
LMF100CIWM
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
3
Tested Limit
(1)
MIN Logical “1”
TMIN to TMAX
3
V
V
+ = +5 V, V= −5 V,
Design Limit
(2)
TMIN to TMAX
3
−3
Tested Limit
(1)
MAX Logical “0”
VLSh = 0 V
TMIN to TMAX
–3
V
Design Limit
(2)
TMIN to TMAX
−3
CMOS Clock
Input Voltage
8
Tested Limit
(1)
MIN Logical “1”
TMIN to TMAX
8
V
V
+ = +10 V, V= 0 V,
Design Limit
(2)
TMIN to TMAX
8
2
Tested Limit
(1)
MAX Logical “0”
VLSh = +5 V
TMIN to TMAX
2
V
Design Limit
(2)
TMIN to TMAX
2
2
Tested Limit
(1)
MIN Logical “1”
TMIN to TMAX
2
V
V
+ = +5 V, V= −5 V,
Design Limit
(2)
TMIN to TMAX
2
0.8
Tested Limit
(1)
MAX Logical “0”
VLSh = 0 V
TMIN to TMAX
0.8
V
Design Limit
(2)
TMIN to TMAX
0.8
TTL Clock
Input Voltage
2
Tested Limit
(1)
MIN Logical “1”
TMIN to TMAX
2
V
V
+ = +10 V, V= 0 V,
Design Limit
(2)
TMIN to TMAX
2
0.8
Tested Limit
(1)
MAX Logical “0”
VLSh = 0 V
TMIN to TMAX
0.8
V
Design Limit
(2)
TMIN to TMAX
0.8
(1)
Tested limits are specified to Texas Instruments AOQL (Average Outgoing Quality Level).
(2)
Design limits are specified to Texas Instruments AOQL (Average Outgoing Quality Level) but are not 100% tested.
8
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LMF100


Similar Part No. - LMF100

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMF100 NSC-LMF100 Datasheet
868Kb / 28P
   High Performance Dual Switched Capacitor Filter
LMF100CCN NSC-LMF100CCN Datasheet
868Kb / 28P
   High Performance Dual Switched Capacitor Filter
LMF100CIWM NSC-LMF100CIWM Datasheet
868Kb / 28P
   High Performance Dual Switched Capacitor Filter
logo
Texas Instruments
LMF100 TI-LMF100_15 Datasheet
1Mb / 40P
[Old version datasheet]   LMF100 Dual High-Performance Switched Capacitor Filters
More results

Similar Description - LMF100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMF100 TI-LMF100_15 Datasheet
1Mb / 40P
[Old version datasheet]   LMF100 Dual High-Performance Switched Capacitor Filters
logo
Maxim Integrated Produc...
MAX7490 MAXIM-MAX7490 Datasheet
343Kb / 18P
   Dual Universal Switched-Capacitor Filters
Rev 0; 7/00
MAX7490 MAXIM-MAX7490_09 Datasheet
360Kb / 18P
   Dual Universal Switched-Capacitor Filters
Rev 1; 4/09
logo
National Semiconductor ...
LMF100 NSC-LMF100 Datasheet
868Kb / 28P
   High Performance Dual Switched Capacitor Filter
logo
Linear Technology
LTC1059 LINER-LTC1059_09 Datasheet
120Kb / 8P
   High Performance Switched Capacitor Universal Filter
LTC1059 LINER-LTC1059 Datasheet
462Kb / 8P
   High Performance Switched Capacitor Universal Filter
LTC1059CS LINER-LTC1059CS Datasheet
175Kb / 3P
   High Performance Switched Capacitor Universal Filter?
LT1059 LINER-LT1059 Datasheet
458Kb / 8P
   HIGH PERFORMANCE SWITCHED CAPACITOR UNIVERSAL FILTER
LTC1059 LINER-LTC1059_15 Datasheet
126Kb / 8P
   High Performance Switched Capacitor Universal Filter
logo
Maxim Integrated Produc...
MAX7418 MAXIM-MAX7418 Datasheet
407Kb / 14P
   5th-Order, Lowpass, Switched-Capacitor Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com