Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LME49880 Datasheet(PDF) 2 Page - Texas Instruments

Part # LME49880
Description  E-Series Dual JFET Input Audio Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LME49880 Datasheet(HTML) 2 Page - Texas Instruments

  LME49880 Datasheet HTML 1Page - Texas Instruments LME49880 Datasheet HTML 2Page - Texas Instruments LME49880 Datasheet HTML 3Page - Texas Instruments LME49880 Datasheet HTML 4Page - Texas Instruments LME49880 Datasheet HTML 5Page - Texas Instruments LME49880 Datasheet HTML 6Page - Texas Instruments LME49880 Datasheet HTML 7Page - Texas Instruments LME49880 Datasheet HTML 8Page - Texas Instruments LME49880 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
B
-
+
A
-
+
7
OUTPUT B
8
V
+
6
INVERTING INPUT B
5
NON-INVERTING
INPUT B
NON-INVERTING
INPUT A
3
V
-
4
INVERTING INPUT A
2
OUTPUT A
1
LME49880
SNAS455C – DECEMBER 2009 – REVISED APRIL 2013
www.ti.com
CONNECTION DIAGRAM
Figure 3. Connection Diagram
See Package Number — DDA0008B
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Power Supply Voltage (VS = V
+ - V-)
36V
Storage Temperature
−65°C to 150°C
Input Voltage
(V-) - 0.3V to (V+) + 0.3V
Output Short Circuit(3)
Continuous
Power Dissipation
Internally Limited
ESD Rating(4)
2000V
ESD Rating(5)
200V
ESD Rating(6)
1000V
Junction Temperature
150°C
Thermal Resistance
θJA (SO PowerPAD)
55°C/W
Solder Information
Infrared or Convection (20 sec)
260°C
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions. All
voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Amplifier output connected to GND, any number of amplifiers within a package.
(4)
Human body model, applicable std. JESD22-A114C.
(5)
Machine model, applicable std. JESD22-A115-A.
(6)
Charge device model, applicable std JESD22-C101-A.
2
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LME49880


Similar Part No. - LME49880

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49880 NSC-LME49880 Datasheet
502Kb / 14P
   Dual JFET Input Audio Operational Amplifier
LME49880MR NSC-LME49880MR Datasheet
502Kb / 14P
   Dual JFET Input Audio Operational Amplifier
LME49880MRX NSC-LME49880MRX Datasheet
502Kb / 14P
   Dual JFET Input Audio Operational Amplifier
More results

Similar Description - LME49880

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49880 NSC-LME49880 Datasheet
502Kb / 14P
   Dual JFET Input Audio Operational Amplifier
logo
Texas Instruments
TL092 TI-TL092_06 Datasheet
162Kb / 8P
[Old version datasheet]   DUAL JFET-INPUT OPERATIONAL AMPLIFIER
TL092 TI-TL092 Datasheet
101Kb / 6P
[Old version datasheet]   DUAL JFET-INPUT OPERATIONAL AMPLIFIER
LF412C TI1-LF412C Datasheet
382Kb / 10P
[Old version datasheet]   Dual JFET-INPUT Operational Amplifier
LF353DRG4 TI-LF353DRG4 Datasheet
525Kb / 9P
[Old version datasheet]   JFET-INPUT DUAL OPERATIONAL AMPLIFIER
LF412C TI-LF412C_07 Datasheet
300Kb / 8P
[Old version datasheet]   DUAL JFET-INPUT OPERATIONAL AMPLIFIER
logo
Analog Devices
OP275 AD-OP275_15 Datasheet
289Kb / 12P
   Dual Bipolar/JFET, Audio Operational Amplifier
OP275 AD-OP275_04 Datasheet
393Kb / 12P
   Dual Bipolar/JFET, Audio Operational Amplifier
REV. C
OP275 AD-OP275 Datasheet
189Kb / 12P
   Dual Bipolar/JFET, Audio Operational Amplifier
REV. A
OP215 AD-OP215_15 Datasheet
163Kb / 8P
   Dual Precision JFET-Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com