Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LME49860 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LME49860
Description  LME49860 44V Dual High Performance, High Fidelity Audio Operational Amplifier
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LME49860 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LME49860 Datasheet HTML 5Page - Texas Instruments LME49860 Datasheet HTML 6Page - Texas Instruments LME49860 Datasheet HTML 7Page - Texas Instruments LME49860 Datasheet HTML 8Page - Texas Instruments LME49860 Datasheet HTML 9Page - Texas Instruments LME49860 Datasheet HTML 10Page - Texas Instruments LME49860 Datasheet HTML 11Page - Texas Instruments LME49860 Datasheet HTML 12Page - Texas Instruments LME49860 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
OUTPUT VOLTAGE (V)
100m
0.00001
0.00002
0.00005
0.0001
0.0002
0.0005
0.001
0.002
0.005
0.01
300m
500m
700m
1
0.00001
0.0001
0.001
0.01
0.00002
0.0002
0.002
0.000006
0.00005
0.0005
0.005
OUTPUT VOLTAGE (V)
5
100m 200m 500m 1
2
10
0.00001
0.0001
0.001
0.01
0.00002
0.0002
0.002
0.000006
0.00005
0.0005
0.005
OUTPUT VOLTAGE (V)
5
100m 200m 500m 1
2
10
0.00001
0.0001
0.001
0.01
0.00002
0.0002
0.002
0.000007
0.00005
0.0005
0.005
OUTPUT VOLTAGE (V)
5
100m 200m 500m 1
2
10
1
OUTPUT VOLTAGE (V)
10
2
5
0.00001
0.00002
0.00005
0.0001
0.0002
0.0005
0.001
0.002
0.005
0.01
100m 200m 500m
0.00001
0.0001
0.001
0.01
0.00002
0.0002
0.002
0.000006
0.00005
0.0005
0.005
OUTPUT VOLTAGE (V)
5
100m 200m 500m 1
2
10
LME49860, LME49860MABD, LME49860NABD
www.ti.com
SNAS389C – JUNE 2007 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
IMD vs Output Voltage
IMD vs Output Voltage
VCC = 2.5V, VEE = –2.5V
VCC = 15V, VEE = –15V
RL = 2kΩ
RL = 600Ω
Figure 27.
Figure 28.
IMD vs Output Voltage
IMD vs Output Voltage
VCC = 12V, VEE = –12V
VCC = 22V, VEE = –22V
RL = 600Ω
RL = 600Ω
Figure 29.
Figure 30.
IMD vs Output Voltage
IMD vs Output Voltage
VCC = 2.5V, VEE = –2.5V
VCC = 15V, VEE = –15V
RL = 600Ω
RL = 10kΩ
Figure 31.
Figure 32.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LME49860 LME49860MABD LME49860NABD


Similar Part No. - LME49860

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LME49860 TI1-LME49860 Datasheet
1Mb / 40P
[Old version datasheet]   44V Dual High Performance, High Fidelity Audio Operational Amplifier
LME49860MABD TI1-LME49860MABD Datasheet
1Mb / 40P
[Old version datasheet]   44V Dual High Performance, High Fidelity Audio Operational Amplifier
LME49860NABD TI1-LME49860NABD Datasheet
1Mb / 40P
[Old version datasheet]   44V Dual High Performance, High Fidelity Audio Operational Amplifier
LME49860 TI1-LME49860_14 Datasheet
1Mb / 40P
[Old version datasheet]   44V Dual High Performance, High Fidelity Audio Operational Amplifier
More results

Similar Description - LME49860

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LME49860 TI1-LME49860_14 Datasheet
1Mb / 40P
[Old version datasheet]   44V Dual High Performance, High Fidelity Audio Operational Amplifier
LME49870 TI1-LME49870 Datasheet
985Kb / 35P
[Old version datasheet]   44V Single High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49870 NSC-LME49870 Datasheet
957Kb / 34P
   44V Single High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49722 TI1-LME49722 Datasheet
195Kb / 13P
[Old version datasheet]   High Performance, High Fidelity Dual Audio Operational Amplifier
LM4562 TI1-LM4562_14 Datasheet
1Mb / 42P
[Old version datasheet]   Dual High-Performance, High-Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LM4562 NSC-LM4562 Datasheet
2Mb / 33P
   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49720 TI1-LME49720_14 Datasheet
1Mb / 40P
[Old version datasheet]   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49720 TI-LME49720 Datasheet
1Mb / 36P
[Old version datasheet]   LME49720 Dual High Performance, High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com