Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LME49810 Datasheet(PDF) 4 Page - Texas Instruments

Part # LME49810
Description  LME49810 200V Audio Power Amplifier Driver with Baker Clamp
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LME49810 Datasheet(HTML) 4 Page - Texas Instruments

  LME49810 Datasheet HTML 1Page - Texas Instruments LME49810 Datasheet HTML 2Page - Texas Instruments LME49810 Datasheet HTML 3Page - Texas Instruments LME49810 Datasheet HTML 4Page - Texas Instruments LME49810 Datasheet HTML 5Page - Texas Instruments LME49810 Datasheet HTML 6Page - Texas Instruments LME49810 Datasheet HTML 7Page - Texas Instruments LME49810 Datasheet HTML 8Page - Texas Instruments LME49810 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LME49810
SNAS391C – MAY 2007 – REVISED APRIL 2013
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3)
Supply Voltage |V+| + |V-|
200V
Differential Input Voltage
±6V
Common Mode Input Range
0.4VEE to 0.4VCC
Power Dissipation(4)
4W
ESD Susceptibility(5)
1kV
ESD Susceptibility(6)
200V
Junction Temperature (TJMAX)
(7)
150°C
Soldering Information
PFM Package (10 seconds)
260°C
Storage Temperature
–40°C to +150°C
Thermal Resistance
θJA
73°C/W
θJC
4°C/W
(1)
All voltages are measured with respect to the GND pin unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not for parameters where no limit is given, however, the typical value is a good indication of device
performance.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJC, and the ambient temperature,
TA. The maximum allowable power dissipation is PDMAX = (TJMAX - TA) / θJC or the number given in Absolute Maximum Ratings,
whichever is lower. For the LME49810, TJMAX = 150°C and the typical θJC is 4°C/W.
(5)
Human body model, 100pF discharged through a 1.5k
Ω resistor.
(6)
Machine Model, 220pF - 240pF discharged through all pins.
(7)
The maximum operating junction temperature is 150°C.
OPERATING RATINGS
Temperature Range
TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ +8 5°C
Supply Voltage
±20V
≤ VSUPPLY ≤ ±100V
ELECTRICAL CHARACTERISTICS VCC = +100V, VEE = –100V
(1) (2)
The following specifications apply for IMUTE = 100μA, unless otherwise specified. Limits apply for TA = 25°C, CC = 10pF, and
AV = 29dB.
LME49810
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limits(4)(5)
ICC
Quiescent Power Supply Current
VCM = 0V, VO = 0V, IO = 0A
11
18
mA (max)
IEE
Quiescent Power Supply Current
VCM = 0V, VO = 0V, IO = 0A
13
mA (max)
No Load, BW = 30kHz, VOUT = 30VRMS,
THD+N
Total Harmonic Distortion + Noise
0.0007
% (max)
f = 1kHz
f = DC
120
dB
AV
Open Loop Gain
f = 1kHz, VIN = 1mVRMS
88
dB
VOM
Output Voltage Swing
THD+N = 0.05%, f = 1kHz
67.5
V RMS
BW = 30kHz,
50
μV
VNOISE
Output Noise
A-weighted
34
150
μV (max)
IOUT
Output Current
Current from Source to Sink Pins
60
50
mA (min)
50
μA (min)
IMUTE
Current into Mute Pin
To activate the amplifier
100
200
μA (max)
(1)
All voltages are measured with respect to the GND pin unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not for parameters where no limit is given, however, the typical value is a good indication of device
performance.
(3)
Typicals are measured at +25°C and represent the parametric norm.
(4)
Limits are specified to AOQL (Average Outgoing Quality Level).
(5)
Data sheet min and max specification limits are specified by design, test, or statistical analysis.
4
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LME49810


Similar Part No. - LME49810

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49810 NSC-LME49810 Datasheet
867Kb / 22P
   200V Audio Power Amplifier Driver with Baker Clamp
logo
Texas Instruments
LME49810TB TI1-LME49810TB Datasheet
876Kb / 22P
[Old version datasheet]   200V Audio Power Amplifier Driver with Baker Clamp
More results

Similar Description - LME49810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LME49810TB TI1-LME49810TB Datasheet
876Kb / 22P
[Old version datasheet]   200V Audio Power Amplifier Driver with Baker Clamp
logo
National Semiconductor ...
LME49810 NSC-LME49810 Datasheet
867Kb / 22P
   200V Audio Power Amplifier Driver with Baker Clamp
logo
Unisonic Technologies
2SC2235 UTC-2SC2235_15 Datasheet
105Kb / 4P
   AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE
2SC2235 UTC-2SC2235 Datasheet
115Kb / 4P
   AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
2SC2235 UTC-2SC2235_09 Datasheet
105Kb / 4P
   AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SC3665 TOSHIBA-2SC3665_04 Datasheet
116Kb / 3P
   Audio Power Amplifier Applications Driver-Stage Amplifier Applications
2SC3665-Y TOSHIBA-2SC3665-Y Datasheet
121Kb / 4P
   Audio Power Amplifier Applications Driver-Stage Amplifier Applications
logo
Elite Semiconductor Mem...
AD82551A ESMT-AD82551A Datasheet
187Kb / 3P
   Stereo Digital Audio Amplifier with Headphone Driver
AD82550A ESMT-AD82550A Datasheet
186Kb / 3P
   Stereo Digital Audio Amplifier with Headphone Driver
logo
National Semiconductor ...
LM4766 NSC-LM4766_06 Datasheet
983Kb / 19P
   Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com