Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LME49722 Datasheet(PDF) 10 Page - Texas Instruments

Part # LME49722
Description  High Performance, High Fidelity Dual Audio Operational Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LME49722 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LME49722 Datasheet HTML 5Page - Texas Instruments LME49722 Datasheet HTML 6Page - Texas Instruments LME49722 Datasheet HTML 7Page - Texas Instruments LME49722 Datasheet HTML 8Page - Texas Instruments LME49722 Datasheet HTML 9Page - Texas Instruments LME49722 Datasheet HTML 10Page - Texas Instruments LME49722 Datasheet HTML 11Page - Texas Instruments LME49722 Datasheet HTML 12Page - Texas Instruments LME49722 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
FREQUENCY (Hz)
10
100
10k
100M
1k
100k
1M
10M
40
120
180
-20
60
80
160
140
100
20
0
40
120
180
-20
60
80
160
140
20
0
100
SUPPLY VOLTAGE (V)
0
2
4
6
8
10 12 14 16 18
20
10.0
10.5
11.0
11.5
12.0
12.5
13.0
FREQUENCY (Hz)
100
10k
100M
1k
10
100k 1M
10M
1
-50
-40
-30
-20
-10
0
0 dB = 1VPP
LME49722
SNAS454A – MARCH 2008 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
Supply Current
Full Power Bandwidth
vs
vs
Supply Voltage
Frequency
RL = 2kΩ
+VCC = –VEE = 15V, RL = 2kΩ
Figure 27.
Figure 28.
Gain Phase
vs
Frequency
+VCC = –VEE = 15V
Figure 29.
10
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LME49722


Similar Part No. - LME49722

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49722 NSC-LME49722 Datasheet
417Kb / 14P
   Low Noise, High Performance, High Fidelity Dual Audio Operational Amplifier
LME49722MA NSC-LME49722MA Datasheet
417Kb / 14P
   Low Noise, High Performance, High Fidelity Dual Audio Operational Amplifier
More results

Similar Description - LME49722

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4562 TI1-LM4562_14 Datasheet
1Mb / 42P
[Old version datasheet]   Dual High-Performance, High-Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LM4562 NSC-LM4562 Datasheet
2Mb / 33P
   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49720 TI1-LME49720_14 Datasheet
1Mb / 40P
[Old version datasheet]   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49860 TI1-LME49860_14 Datasheet
1Mb / 40P
[Old version datasheet]   44V Dual High Performance, High Fidelity Audio Operational Amplifier
LME49720 TI-LME49720 Datasheet
1Mb / 36P
[Old version datasheet]   LME49720 Dual High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49725 NSC-LME49725 Datasheet
1Mb / 24P
   PowerWise Dual High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LM4562 TI1-LM4562 Datasheet
1Mb / 41P
[Old version datasheet]   LM4562 Dual High-Performance, High-Fidelity Audio Operational Amplifier
LME49725 TI1-LME49725 Datasheet
1Mb / 25P
[Old version datasheet]   PowerWise짰 Dual High Performance, High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com