Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LME49610 Datasheet(PDF) 6 Page - Texas Instruments

Part # LME49610
Description  High Performance, High Fidelity, High Current Audio Buffer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LME49610 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LME49610 Datasheet HTML 2Page - Texas Instruments LME49610 Datasheet HTML 3Page - Texas Instruments LME49610 Datasheet HTML 4Page - Texas Instruments LME49610 Datasheet HTML 5Page - Texas Instruments LME49610 Datasheet HTML 6Page - Texas Instruments LME49610 Datasheet HTML 7Page - Texas Instruments LME49610 Datasheet HTML 8Page - Texas Instruments LME49610 Datasheet HTML 9Page - Texas Instruments LME49610 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
1M
FREQUENCY (Hz)
-5
0
5
10
15
20
10M
100M
1G
IQ = 13.3
IQ = 10.3
IQ = 7.4
1M
10M
100M
FREQUENCY (Hz)
1G
-50
-40
-30
-20
-10
0
IQ = 13.3 mA
IQ = 10.3 mA
IQ=7.4 mA
-5
0
5
10
15
20
10
9
FREQUENCY (Hz)
10
8
10
7
10
6
RL = 100:
RL = 50:
RL = 1 k:
-50
-40
-30
-20
-10
0
10
9
FREQUENCY (Hz)
10
8
10
7
10
6
RL = 100:
RL = 50:
RL = 1 k:
-5
0
5
10
15
20
10
9
FREQUENCY (Hz)
10
8
10
7
10
6
RL = 100:
RL = 50:
RL = 1 k:
-50
-40
-30
-20
-10
0
10
9
FREQUENCY (Hz)
10
8
10
7
10
6
RL = 100:
RL = 50:
RL = 1 k:
LME49610
SNAS435B – APRIL 2008 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Gain vs Frequency
Phase vs Frequency
vs RLOAD
vs RLOAD
Wide BW Mode (BW pin = VEE), VS = ±22V
Wide BW Mode (BW pin = VEE), VS = ±22V
Figure 9.
Figure 10.
Gain vs Frequency
Phase vs Frequency
vs RLOAD
vs RLOAD
Low IQ Mode (BW pin = Float), VS = ±22V
Low IQ Mode (BW pin = Float), VS = ±22V
Figure 11.
Figure 12.
Gain vs Frequency
Phase vs Frequency
vs Quiescent Current
vs Quiescent Current
VS = ±15V
VS = ±15V
Figure 13.
Figure 14.
6
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LME49610


Similar Part No. - LME49610

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49610 NSC-LME49610 Datasheet
468Kb / 18P
   High Performance, High Fidelity, High Current Audio Buffer
LME49610TS NSC-LME49610TS Datasheet
468Kb / 18P
   High Performance, High Fidelity, High Current Audio Buffer
More results

Similar Description - LME49610

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LME49600 TI1-LME49600_14 Datasheet
438Kb / 22P
[Old version datasheet]   High Performance, High Fidelity, High Current Audio Buffer
logo
National Semiconductor ...
LME49600_0803 NSC-LME49600_0803 Datasheet
434Kb / 20P
   High Performance, High Fidelity, High Current Audio Buffer
LME49610 NSC-LME49610 Datasheet
468Kb / 18P
   High Performance, High Fidelity, High Current Audio Buffer
LME49600 NSC-LME49600 Datasheet
415Kb / 20P
   High Performance, High Fidelity, High Current Audio Buffer
logo
Texas Instruments
LME49600 TI1-LME49600 Datasheet
439Kb / 21P
[Old version datasheet]   High-Performance, High-Fidelity, High-Current Headphone Buffer
LME49713 TI1-LME49713_14 Datasheet
945Kb / 18P
[Old version datasheet]   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
logo
National Semiconductor ...
LME49871 NSC-LME49871 Datasheet
422Kb / 14P
   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
logo
Texas Instruments
LME49713 TI1-LME49713 Datasheet
407Kb / 16P
[Old version datasheet]   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
logo
National Semiconductor ...
LME49713 NSC-LME49713 Datasheet
392Kb / 14P
   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
logo
Texas Instruments
LME49713HA TI1-LME49713HA Datasheet
433Kb / 16P
[Old version datasheet]   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com