Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LME49600 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LME49600
Description  High-Performance, High-Fidelity, High-Current Headphone Buffer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LME49600 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LME49600 Datasheet HTML 4Page - Texas Instruments LME49600 Datasheet HTML 5Page - Texas Instruments LME49600 Datasheet HTML 6Page - Texas Instruments LME49600 Datasheet HTML 7Page - Texas Instruments LME49600 Datasheet HTML 8Page - Texas Instruments LME49600 Datasheet HTML 9Page - Texas Instruments LME49600 Datasheet HTML 10Page - Texas Instruments LME49600 Datasheet HTML 11Page - Texas Instruments LME49600 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
1
100
FREQUENCY (Hz)
1
10
100
10
1k
10k
100k
1
100
FREQUENCY (Hz)
1
10
100
10
1k
10k
100k
OUTPUT POWER (W)
0.00001
0.01
0.00001 0.0001 0.001
0.01
0.1
1
10
0.001
0.0001
10
1000
100000
6
7
8
10
13
14
RESISTANCE (:)
100
10000
12
11
9
LME49600
SNAS422E – JANUARY 2008 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
THD+N vs Output Voltage
VS = ±15V, RL = 32Ω, f = 1kHz
Quiescent Current vs Bandwidth Control Resistance
Both channels driven
Figure 22.
Figure 23.
High BW Noise Curve
Low BW Noise Curve
Figure 24.
Figure 25.
8
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LME49600


Similar Part No. - LME49600

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49600 NSC-LME49600 Datasheet
415Kb / 20P
   High Performance, High Fidelity, High Current Audio Buffer
LME49600 NSC-LME49600 Datasheet
434Kb / 20P
   High Performance, High Fidelity, High Current Audio Buffer
logo
Texas Instruments
LME49600 TI1-LME49600 Datasheet
438Kb / 22P
[Old version datasheet]   High Performance, High Fidelity, High Current Audio Buffer
logo
National Semiconductor ...
LME49600TS NSC-LME49600TS Datasheet
415Kb / 20P
   High Performance, High Fidelity, High Current Audio Buffer
LME49600_0803 NSC-LME49600_0803 Datasheet
434Kb / 20P
   High Performance, High Fidelity, High Current Audio Buffer
More results

Similar Description - LME49600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LME49600 TI1-LME49600_14 Datasheet
438Kb / 22P
[Old version datasheet]   High Performance, High Fidelity, High Current Audio Buffer
logo
National Semiconductor ...
LME49600_0803 NSC-LME49600_0803 Datasheet
434Kb / 20P
   High Performance, High Fidelity, High Current Audio Buffer
logo
Texas Instruments
LME49610 TI1-LME49610 Datasheet
488Kb / 21P
[Old version datasheet]   High Performance, High Fidelity, High Current Audio Buffer
logo
National Semiconductor ...
LME49610 NSC-LME49610 Datasheet
468Kb / 18P
   High Performance, High Fidelity, High Current Audio Buffer
LME49600 NSC-LME49600 Datasheet
415Kb / 20P
   High Performance, High Fidelity, High Current Audio Buffer
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2_08 Datasheet
731Kb / 26P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2_07 Datasheet
607Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI1-TPA6120A2 Datasheet
2Mb / 31P
[Old version datasheet]   High Fidelity Headphone Amplifier
TPA6120A2 TI-TPA6120A2 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2_15 Datasheet
2Mb / 31P
[Old version datasheet]   TPA6120A2 High Fidelity Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com