Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6464AIMX Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6464AIMX
Description  LMC6462 Dual/LMC6464 Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6464AIMX Datasheet(HTML) 3 Page - Texas Instruments

  LMC6464AIMX Datasheet HTML 1Page - Texas Instruments LMC6464AIMX Datasheet HTML 2Page - Texas Instruments LMC6464AIMX Datasheet HTML 3Page - Texas Instruments LMC6464AIMX Datasheet HTML 4Page - Texas Instruments LMC6464AIMX Datasheet HTML 5Page - Texas Instruments LMC6464AIMX Datasheet HTML 6Page - Texas Instruments LMC6464AIMX Datasheet HTML 7Page - Texas Instruments LMC6464AIMX Datasheet HTML 8Page - Texas Instruments LMC6464AIMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
LMC6462, LMC6464
www.ti.com
SNOS725D – MAY 1999 – REVISED MARCH 2013
5V DC Electrical Characteristics (continued)
Unless otherwise specified, all limits ensured for TJ = 25°C, V
+ = 5V, V= 0V, V
CM = VO = V
+/2 and R
L > 1M. Boldface limits
apply at the temperature extremes.
Typ(1)
LMC6462AI
LMC6462BI
LMC6462AM
Symbol
Parameter
Conditions
LMC6464AI
LMC6464BI
LMC6464AM
Units
Limit(2)
Limit(2)
Limit(2)
IOS
Input Offset Current
See(3)
0.075
5
5
100
pA max
CIN
Common-Mode
3
pF
Input Capacitance
RIN
Input Resistance
>10
Tera
Ω
CMRR
Common Mode
0V
≤ VCM ≤ 15.0V,
85
70
65
70
dB
Rejection Ratio
V+ = 15V
min
67
62
65
0V
≤ VCM ≤ 5.0V
85
70
65
70
V+ = 5V
67
62
65
+PSRR
Positive Power Supply
5V
≤ V+ ≤ 15V,
85
70
65
70
dB
Rejection Ratio
V= 0V, VO = 2.5V
min
67
62
65
−PSRR
Negative Power Supply
−5V ≤ V≤ −15V,
85
70
65
70
dB
Rejection Ratio
V+ = 0V, VO = −2.5V
min
67
62
65
VCM
Input Common-Mode
V+ = 5V
−0.2
−0.10
−0.10
−0.10
V
Voltage Range
For CMRR
≥ 50 dB
max
0.00
0.00
0.00
5.30
5.25
5.25
5.25
V
min
5.00
5.00
5.00
V+ = 15V
−0.2
−0.15
−0.15
−0.15
V
For CMRR
≥ 50 dB
max
0.00
0.00
0.00
15.30
15.25
15.25
15.25
V
min
15.00
15.00
15.00
AV
Large Signal
RL = 100 kΩ
(4)
Sourcing
V/mV
3000
Voltage Gain
min
Sinking
V/mV
400
min
RL = 25 kΩ
(4)
Sourcing
V/mV
2500
min
Sinking
V/mV
200
min
VO
Output Swing
V+ = 5V
4.995
4.990
4.950
4.990
V
RL = 100 kΩ to V
+/2
min
4.980
4.925
4.970
0.005
0.010
0.050
0.010
V
max
0.020
0.075
0.030
V+ = 5V
4.990
4.975
4.950
4.975
V
RL = 25 kΩ to V
+/2
min
4.965
4.850
4.955
0.010
0.020
0.050
0.020
V
max
0.035
0.150
0.045
V+ = 15V
14.990
14.975
14.950
14.975
V
RL = 100 kΩ to V
+/2
min
14.965
14.925
14.955
0.010
0.025
0.050
0.025
V
max
0.035
0.075
0.050
V+ = 15V
14.965
14.900
14.850
14.900
V
RL = 25 kΩ to V
+/2
min
14.850
14.800
14.800
0.025
0.050
0.100
0.050
V
max
0.150
0.200
0.200
(4)
V+ = 15V, VCM = 7.5V and RL connected to 7.5V. For Sourcing tests, 7.5V ≤ VO ≤ 11.5V. For Sinking tests, 3.5V ≤ VO ≤ 7.5V.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMC6462 LMC6464


Similar Part No. - LMC6464AIMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6464AIMX NSC-LMC6464AIMX Datasheet
648Kb / 18P
   Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
LMC6464AIMX NSC-LMC6464AIMX Datasheet
1Mb / 32P
   LMC6462 Dual/LMC6464 Quad Micropower, Rail-to-Rail Input and Output CMOS
LMC6464AIMXNOPB NSC-LMC6464AIMXNOPB Datasheet
1Mb / 32P
   LMC6462 Dual/LMC6464 Quad Micropower, Rail-to-Rail Input and Output CMOS
More results

Similar Description - LMC6464AIMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6462 NSC-LMC6462_14 Datasheet
1Mb / 32P
   LMC6462 Dual/LMC6464 Quad Micropower, Rail-to-Rail Input and Output CMOS
logo
Texas Instruments
LMC6464QML TI1-LMC6464QML Datasheet
1Mb / 22P
[Old version datasheet]   Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
National Semiconductor ...
LMC6464QML NSC-LMC6464QML Datasheet
1Mb / 23P
   LMC6464QML Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
LMC6462 NSC-LMC6462 Datasheet
648Kb / 18P
   Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
Texas Instruments
LMC6484 TI1-LMC6484 Datasheet
2Mb / 45P
[Old version datasheet]   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
LMC6484QML TI1-LMC6484QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LMC6484 NSC-LMC6484 Datasheet
973Kb / 22P
   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LPV511 TI1-LPV511 Datasheet
985Kb / 21P
[Old version datasheet]   Micropower, Rail-to-Rail Input and Output Operational Amplifier
logo
Advanced Linear Devices
ALD4701 ALD-ALD4701_10 Datasheet
86Kb / 9P
   QUAD MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6482QML TI1-LMC6482QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com