Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC7211-N Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMC7211-N
Description  LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC7211-N Datasheet(HTML) 2 Page - Texas Instruments

  LMC7211-N Datasheet HTML 1Page - Texas Instruments LMC7211-N Datasheet HTML 2Page - Texas Instruments LMC7211-N Datasheet HTML 3Page - Texas Instruments LMC7211-N Datasheet HTML 4Page - Texas Instruments LMC7211-N Datasheet HTML 5Page - Texas Instruments LMC7211-N Datasheet HTML 6Page - Texas Instruments LMC7211-N Datasheet HTML 7Page - Texas Instruments LMC7211-N Datasheet HTML 8Page - Texas Instruments LMC7211-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LMC7211-N
SNOS746F – MAY 2004 – REVISED JANUARY 2013
www.ti.com
Absolute Maximum Ratings
(1)
ESD Tolerance (2)
2 kV
Differential Input Voltage
(VCC) +0.3V to (−VCC)−0.3V
Voltage at Input/Output Pin
(VCC) + 0.3V to (−VCC)−0.3V
Supply Voltage (V+–V)
16V
Current at Input Pin (3)
±5 mA
Current at Output Pin(4) (5)
±30 mA
Current at Power Supply Pin
40 mA
Lead Temperature
(soldering, 10 sec)
260°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature(6)
150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test
conditions, see the Electrical Characteristics.
(2)
Human body model, 1.5 k
Ω in series with 100 pF.
(3)
Limiting input pin current is only necessary for input voltages that exceed absolute maximum input voltage rating.
(4)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C. Output currents in excess of ±30 mA over long term may adversely
affect reliability.
(5)
Do not short circuit output to V+, when V+ is greater than 12V or reliability will be adversely affected.
(6)
The maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(max) − TA)/θJA.All numbers apply for packages soldered directly into a PC board.
Operating Ratings
(1)
Supply Voltage
2.7
≤ VCC ≤ 15V
Junction Temperature Range
LMC7211AI, LMC7211BI
−40°C ≤ TJ ≤ +85°C
Thermal Resistance (
θJA)
SO-8 Package,
8-Pin Surface Mount
180°C/W
M05A Package,
5-Pin Surface Mount
325°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test
conditions, see the Electrical Characteristics.
2.7V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TJ = 25°C, V
+ = 2.7V, V= 0V, V
CM = VO = V+/2. Boldface limits apply at
the temperature extremes.
Symbol
Parameter
Conditions
LMC7211AI
LMC7211BI
Units
Typ (1)
Limit(2)
Limit(2)
VOS
Input Offset Voltage
3
5
15
mV
8
18
max
TCVOS
Input Offset Voltage
1.0
μV/°C
Temperature Drift
Input Offset Voltage Average
See (3)
3.3
μV/Month
Drift
IB
Input Current
0.04
pA
IOS
Input Offset Current
0.02
pA
CMRR
Common Mode Rejection
0V
≤ VCM ≤ 2.7V
75
dB
Ratio
PSRR
Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 15V
80
dB
AV
Voltage Gain
100
dB
(1)
Typical values represent the most likely parametric norm.
(2)
All limits are guaranteed by testing or statistical analysis.
(3)
Input offset voltage average drift is calculated by dividing the accelerated operating life VOS drift by the equivalent operational time. This
represents worst case input conditions and includes the first 30 days of drift.
2
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LMC7211-N


Similar Part No. - LMC7211-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC7211-N TI-LMC7211-N Datasheet
1Mb / 22P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211-N TI1-LMC7211-N Datasheet
1Mb / 23P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211-N TI1-LMC7211-N_14 Datasheet
1Mb / 23P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
More results

Similar Description - LMC7211-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC7211AIM5X TI-LMC7211AIM5X Datasheet
1Mb / 22P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211-N TI1-LMC7211-N_14 Datasheet
1Mb / 23P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211 TI1-LMC7211 Datasheet
431Kb / 18P
[Old version datasheet]   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
logo
National Semiconductor ...
LMC7211 NSC-LMC7211 Datasheet
328Kb / 13P
   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
logo
Texas Instruments
LMC6762 TI1-LMC6762_14 Datasheet
1Mb / 22P
[Old version datasheet]   Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
logo
National Semiconductor ...
LMC6762 NSC-LMC6762 Datasheet
317Kb / 13P
   Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
LMC7221 NSC-LMC7221 Datasheet
271Kb / 12P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221 NSC-LMC7221_06 Datasheet
699Kb / 13P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
logo
Texas Instruments
TLV7211 TI-TLV7211_10 Datasheet
722Kb / 20P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
TLV7211 TI-TLV7211 Datasheet
469Kb / 16P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com