Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6684 Datasheet(PDF) 9 Page - Texas Instruments

Part # LMC6684
Description  Single/LMC6682 Dual/LMC6684 Quad Low Voltage, Rail-To-Rail Input
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6684 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMC6684 Datasheet HTML 5Page - Texas Instruments LMC6684 Datasheet HTML 6Page - Texas Instruments LMC6684 Datasheet HTML 7Page - Texas Instruments LMC6684 Datasheet HTML 8Page - Texas Instruments LMC6684 Datasheet HTML 9Page - Texas Instruments LMC6684 Datasheet HTML 10Page - Texas Instruments LMC6684 Datasheet HTML 11Page - Texas Instruments LMC6684 Datasheet HTML 12Page - Texas Instruments LMC6684 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Powerdown DC Threshold Characteristics
Boldface limits apply at the temperature extremes (Note 16).
Symbol
Parameter
Conditions
LMC6681AI, LMC6681BI
Units
LMC6682AI, LMC6682BI
LMC6684AI, LMC6684BI
Min
Typ
Max
V
PD, IL
Powerdown Voltage Input Low (Device
V
+ = 2.2V
0.4
V
Powered ON; Amplifier meets all
V
= 0V
0.25
specs in the datasheet tables)
V
+ = 3V
0.6
V
V
= 0V
0.45
V
+ = 5V
0.9
V
V
= 0V
0.75
V
+ = 10V
1.2
V
V
= 0V
1.05
V
PD, IH
Powerdown Voltage Input High (Device
V
+ = 2.2V
1.5
V
Powered OFF; Refer to DC Electrical
V
= 0V
1.65
Characteristics for I
S OFF specs)
V
+ = 3V
2.3
V
V
= 0V
2.45
V
+ = 5V
4.3
V
V
= 0V
4.45
V
+ = 10V
9.3
V
V
= 0V
9.45
www.national.com
8


Similar Part No. - LMC6684

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6684AIM NSC-LMC6684AIM Datasheet
750Kb / 24P
   Low Voltage, Rail-To-Rail Input and Output CMOS
LMC6684AIMX NSC-LMC6684AIMX Datasheet
750Kb / 24P
   Low Voltage, Rail-To-Rail Input and Output CMOS
LMC6684AIN NSC-LMC6684AIN Datasheet
750Kb / 24P
   Low Voltage, Rail-To-Rail Input and Output CMOS
LMC6684BIM NSC-LMC6684BIM Datasheet
750Kb / 24P
   Low Voltage, Rail-To-Rail Input and Output CMOS
LMC6684BIMX NSC-LMC6684BIMX Datasheet
750Kb / 24P
   Low Voltage, Rail-To-Rail Input and Output CMOS
More results

Similar Description - LMC6684

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APX393 DIODES-APX393 Datasheet
156Kb / 8P
   LOW VOLTAGE RAIL-TO-RAIL INPUT DUAL/QUAD
APX393/APX339 Rev. 5
logo
ON Semiconductor
LMV321 ONSEMI-LMV321 Datasheet
250Kb / 20P
   Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
August, 2009 ??Rev. 8
LMV321 ONSEMI-LMV321_V01 Datasheet
608Kb / 22P
   Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
January, 2021 ??Rev. 16
LMV821 ONSEMI-LMV821 Datasheet
794Kb / 16P
   Single, Dual, Quad Low Voltage, Rail-to-Rail Operational Amplifiers
October, 2009 ??Rev. 1
LMV321 ONSEMI-LMV321_15 Datasheet
189Kb / 20P
   Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
February, 2015 ??Rev. 12
logo
Linear Technology
LT6221 LINER-LT6221_15 Datasheet
370Kb / 22P
   Single/Dual/Quad 60MHz, 20V/s, Low Power, Rail-to-Rail Input
LT6220 LINER-LT6220_15 Datasheet
370Kb / 22P
   Single/Dual/Quad 60MHz, 20V/s, Low Power, Rail-to-Rail Input
LT6222 LINER-LT6222_15 Datasheet
370Kb / 22P
   Single/Dual/Quad 60MHz, 20V/s, Low Power, Rail-to-Rail Input
LT6203 LINER-LT6203_15 Datasheet
1Mb / 28P
   Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output
LT6202 LINER-LT6202_15 Datasheet
1Mb / 28P
   Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com