Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6682 Datasheet(PDF) 2 Page - Texas Instruments

Part # LMC6682
Description  Single/LMC6682 Dual/LMC6684 Quad Low Voltage, Rail-To-Rail Input
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6682 Datasheet(HTML) 2 Page - Texas Instruments

  LMC6682 Datasheet HTML 1Page - Texas Instruments LMC6682 Datasheet HTML 2Page - Texas Instruments LMC6682 Datasheet HTML 3Page - Texas Instruments LMC6682 Datasheet HTML 4Page - Texas Instruments LMC6682 Datasheet HTML 5Page - Texas Instruments LMC6682 Datasheet HTML 6Page - Texas Instruments LMC6682 Datasheet HTML 7Page - Texas Instruments LMC6682 Datasheet HTML 8Page - Texas Instruments LMC6682 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LMC6681 Single/LMC6682 Dual/LMC6684 Quad
Low Voltage, Rail-To-Rail Input and Output CMOS
Amplifier with Powerdown
General Description
The LMC6681/2/4 is a high performance operational ampli-
fier which can operate over a wide range of supply voltages,
with guaranteed specifications at 1.8V, 2.2V, 3V, 5V, and
10V.
The LMC6681/2/4 provides an input common-mode voltage
range that exceeds both supplies. The rail-to-rail output
swing of the amplifier assures maximum dynamic signal
range. This rail-to-rail performance of the amplifier, com-
bined with its high open-loop voltage gain makes it unique
among CMOS rail-to-rail amplifiers. The LMC6681/2/4 is an
excellent choice for circuits where the common-mode volt-
age range is a concern.
The LMC6681/2/4 has a powerdown mode which can be
controlled externally. In this powerdown mode, the supply
current decreases from 700 µA per amplifier to less than 1
µA per amplifier. The LMC6684 has two powerdown options.
Each of the powerdown pins disables two amplifiers.
The LMC6681/2/4 has been designed specifically to improve
system performance in low voltage applications. The ampli-
fier’s 80 fA input current, 0.5 mV offset voltage, and 82 dB
CMRR maintain accuracy in battery-powered systems.
Features
(Typical unless otherwise noted)
n Guaranteed Specs at 1.8V, 2.2V, 3V, 5V, 10V
n Rail-to-Rail Input Common-Mode Voltage Range
n Rail-to-Rail Output Swing
(within 10 mV of supply rail, @ V
S=3V and RL=10 kΩ)
n Powerdown Mode
I
S OFF ≤ 1.5 µA/Amplifier
(Guaranteed at V
S = 1.8V, 2.2V, 3V, and 5V)
n Ultra Low Input Current
80 fA
n High Voltage Gain (VS = 3V, RL = 10 kΩ):
120 dB
n Unity Gain Bandwidth
1.2 MHz
Applications
n Battery Operated Circuits
n Sensor Amplifiers
n Portable Communication Devices
n Medical Instrumentation
n Battery Monitoring Circuits
n Level Detectors, Sample-and-Hold Circuits
Connection Diagrams
8-Pin DIP/SO
DS012042-1
Top View
14-Pin DIP/SO
DS012042-2
Top View
16-Pin DIP/SO
DS012042-3
Top View
May 1995
© 1999 National Semiconductor Corporation
DS012042
www.national.com


Similar Part No. - LMC6682

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6682AIM NSC-LMC6682AIM Datasheet
750Kb / 24P
   Low Voltage, Rail-To-Rail Input and Output CMOS
LMC6682AIMX NSC-LMC6682AIMX Datasheet
750Kb / 24P
   Low Voltage, Rail-To-Rail Input and Output CMOS
LMC6682AIN NSC-LMC6682AIN Datasheet
750Kb / 24P
   Low Voltage, Rail-To-Rail Input and Output CMOS
LMC6682BIM NSC-LMC6682BIM Datasheet
750Kb / 24P
   Low Voltage, Rail-To-Rail Input and Output CMOS
LMC6682BIMX NSC-LMC6682BIMX Datasheet
750Kb / 24P
   Low Voltage, Rail-To-Rail Input and Output CMOS
More results

Similar Description - LMC6682

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APX393 DIODES-APX393 Datasheet
156Kb / 8P
   LOW VOLTAGE RAIL-TO-RAIL INPUT DUAL/QUAD
APX393/APX339 Rev. 5
logo
ON Semiconductor
LMV321 ONSEMI-LMV321 Datasheet
250Kb / 20P
   Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
August, 2009 ??Rev. 8
LMV321 ONSEMI-LMV321_V01 Datasheet
608Kb / 22P
   Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
January, 2021 ??Rev. 16
LMV821 ONSEMI-LMV821 Datasheet
794Kb / 16P
   Single, Dual, Quad Low Voltage, Rail-to-Rail Operational Amplifiers
October, 2009 ??Rev. 1
LMV321 ONSEMI-LMV321_15 Datasheet
189Kb / 20P
   Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
February, 2015 ??Rev. 12
logo
Linear Technology
LT6221 LINER-LT6221_15 Datasheet
370Kb / 22P
   Single/Dual/Quad 60MHz, 20V/s, Low Power, Rail-to-Rail Input
LT6220 LINER-LT6220_15 Datasheet
370Kb / 22P
   Single/Dual/Quad 60MHz, 20V/s, Low Power, Rail-to-Rail Input
LT6222 LINER-LT6222_15 Datasheet
370Kb / 22P
   Single/Dual/Quad 60MHz, 20V/s, Low Power, Rail-to-Rail Input
LT6203 LINER-LT6203_15 Datasheet
1Mb / 28P
   Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output
LT6202 LINER-LT6202_15 Datasheet
1Mb / 28P
   Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com