Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6492AEM Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6492AEM
Description  LMC6492 Dual/LMC6494 Quad CMOS Rail-to-Rail Input and Output Operational Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6492AEM Datasheet(HTML) 1 Page - Texas Instruments

  LMC6492AEM Datasheet HTML 1Page - Texas Instruments LMC6492AEM Datasheet HTML 2Page - Texas Instruments LMC6492AEM Datasheet HTML 3Page - Texas Instruments LMC6492AEM Datasheet HTML 4Page - Texas Instruments LMC6492AEM Datasheet HTML 5Page - Texas Instruments LMC6492AEM Datasheet HTML 6Page - Texas Instruments LMC6492AEM Datasheet HTML 7Page - Texas Instruments LMC6492AEM Datasheet HTML 8Page - Texas Instruments LMC6492AEM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LMC6492, LMC6494
www.ti.com
SNOS724D – AUGUST 2000 – REVISED MARCH 2013
LMC6492 Dual/LMC6494 Quad CMOS Rail-to-Rail Input and Output Operational Amplifier
Check for Samples: LMC6492, LMC6494
1
FEATURES
DESCRIPTION
The LMC6492/LMC6494 amplifiers were specifically
2
(Typical Unless Otherwise Noted)
developed for single supply applications that operate
Rail-to-Rail Input Common-Mode Voltage
from
−40°C to +125°C. This feature is well-suited for
Range, Ensured Over Temperature
automotive systems because of the wide temperature
Rail-to-Rail Output Swing within 20 mV of
range.
A
unique
design
topology
enables
the
LMC6492/LMC6494 common-mode voltage range to
Supply Rail, 100 k
Ω Load
accommodate input signals beyond the rails. This
Operates from 5V to 15V Supply
eliminates non-linear output errors due to input
Excellent CMRR and PSRR 82 dB
signals exceeding a traditionally limited common-
Ultra Low Input Current 150 fA
mode voltage range. The LMC6492/LMC6494 signal
range has a high CMRR of 82 dB for excellent
High Voltage Gain (RL = 100 kΩ) 120 dB
accuracy in non-inverting circuit configurations.
Low Supply Current (@ VS = 5V) 500
The
LMC6492/LMC6494
rail-to-rail
input
is
μA/Amplifier
complemented
by
rail-to-rail
output
swing.
This
Low Offset Voltage Drift 1.0
μV/°C
assures maximum dynamic signal range which is
particularly important in 5V systems.
APPLICATIONS
Ultra-low input current of 150 fA and 120 dB open
Automotive Transducer Amplifier
loop gain provide high accuracy and direct interfacing
Pressure Sensor
with high impedance sources.
Oxygen Sensor
Temperature Sensor
Speed Sensor
Connection Diagram
Figure 1. 8-Pin PDIP/SOIC - Top View
Figure 2. 14-Pin PDIP/SOIC - Top View
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMC6492AEM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6492AEM NSC-LMC6492AEM Datasheet
705Kb / 18P
   CMOS Rail-to-Rail Input and Output Operational Amplifier
LMC6492AEMX NSC-LMC6492AEMX Datasheet
705Kb / 18P
   CMOS Rail-to-Rail Input and Output Operational Amplifier
More results

Similar Description - LMC6492AEM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6484 TI1-LMC6484 Datasheet
2Mb / 45P
[Old version datasheet]   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
LMC6484QML TI1-LMC6484QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LMC6484 NSC-LMC6484 Datasheet
973Kb / 22P
   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LMC6482QML TI1-LMC6482QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482 TI1-LMC6482_15 Datasheet
2Mb / 39P
[Old version datasheet]   CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
LMC6482-MIL TI1-LMC6482-MIL Datasheet
2Mb / 31P
[Old version datasheet]   CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LMC6482 NSC-LMC6482 Datasheet
1,001Kb / 22P
   CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LMC6484IMX TI-LMC6484IMX Datasheet
969Kb / 24P
[Old version datasheet]   LMC6484 CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
LMC6464QML TI1-LMC6464QML Datasheet
1Mb / 22P
[Old version datasheet]   Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
LMC6484AIMX TI-LMC6484AIMX Datasheet
969Kb / 24P
[Old version datasheet]   LMC6484 CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com