Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6081-MIL Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6081-MIL
Description  LMC6081 Precision CMOS Single Operational Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6081-MIL Datasheet(HTML) 3 Page - Texas Instruments

  LMC6081-MIL Datasheet HTML 1Page - Texas Instruments LMC6081-MIL Datasheet HTML 2Page - Texas Instruments LMC6081-MIL Datasheet HTML 3Page - Texas Instruments LMC6081-MIL Datasheet HTML 4Page - Texas Instruments LMC6081-MIL Datasheet HTML 5Page - Texas Instruments LMC6081-MIL Datasheet HTML 6Page - Texas Instruments LMC6081-MIL Datasheet HTML 7Page - Texas Instruments LMC6081-MIL Datasheet HTML 8Page - Texas Instruments LMC6081-MIL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LMC6081
www.ti.com
SNOS649C – AUGUST 2000 – REVISED MARCH 2013
DC Electrical Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C. Boldface limits apply at the temperature extremes. V
+ = 5V, V=
0V, VCM = 1.5V, VO = 2.5V and RL > 1M unless otherwise specified.
LMC6081AM
LMC6081AI
LMC6081I
Units
Symbol
Parameter
Conditions
Typ(1)
Limit(2)
Limit(2)
Limit(2)
VOS
Input Offset Voltage
150
350
350
800
μV
1000
800
1300
Max
TCVOS
Input Offset Voltage
1.0
μV/°C
Average Drift
IB
Input Bias Current
0.010
pA
100
4
4
Max
IOS
Input Offset Current
0.005
pA
100
2
2
Max
RIN
Input Resistance
>10
Tera
Ω
CMRR
Rejection Ratio Common
0V
≤ VCM ≤ 12.0V
85
75
75
66
dB
Mode
V+ = 15V
72
72
63
Min
+PSRR
Positive Power Supply
5V
≤ V+ ≤ 15V
85
75
75
66
dB
Rejection Ratio
VO = 2.5V
72
72
63
Min
−PSRR
Negative Power Supply
0V
≤ V≤ −10V
94
84
84
74
dB
Rejection Ratio
81
81
71
Min
VCM
Voltage Range
V+ = 5V and 15V for CMRR
−0.4
−0.1
−0.1
−0.1
V
Input Common-Mode
≥ 60 dB
0
0
0
Max
V+
− 1.9
V+
− 2.3
V+
− 2.3
V+
− 2.3
V
V+
− 2.6
V+
− 2.5
V+
− 2.5
Min
AV
Large Signal
RL = 2 kΩ
(3)
Sourcing
1400
400
400
300
V/mV
Voltage Gain
300
300
200
Min
Sinking
350
180
180
90
V/mV
70
100
60
Min
RL = 600Ω
(3)
Sourcing
1200
400
400
200
V/mV
150
150
80
Min
Sinking
150
100
100
70
V/mV
35
50
35
Min
(1)
Typical values represent the most likely parametric norm.
(2)
All limits are ensured by testing or statistical analysis.
(3)
V+ = 15V, VCM = 7.5V and RL connected to 7.5V. For Sourcing tests, 7.5V ≤ VO ≤ 11.5V. For Sinking tests, 2.5V ≤ VO ≤ 7.5V.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMC6081


Similar Part No. - LMC6081-MIL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6081 NSC-LMC6081 Datasheet
304Kb / 12P
   Precision CMOS Single Operational Amplifier
LMC6081AIM NSC-LMC6081AIM Datasheet
304Kb / 12P
   Precision CMOS Single Operational Amplifier
LMC6081AIN NSC-LMC6081AIN Datasheet
304Kb / 12P
   Precision CMOS Single Operational Amplifier
LMC6081AMN NSC-LMC6081AMN Datasheet
304Kb / 12P
   Precision CMOS Single Operational Amplifier
LMC6081IM NSC-LMC6081IM Datasheet
304Kb / 12P
   Precision CMOS Single Operational Amplifier
More results

Similar Description - LMC6081-MIL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6081 NSC-LMC6081 Datasheet
304Kb / 12P
   Precision CMOS Single Operational Amplifier
logo
Agamem Microelectronic ...
AA6081 AGAMEM-AA6081 Datasheet
139Kb / 6P
   Precision CMOS Single Operational Amplifier
logo
National Semiconductor ...
LMC6061 NSC-LMC6061 Datasheet
312Kb / 12P
   Precision CMOS Single Micropower Operational Amplifier
LMC6061 NSC-LMC6061_14 Datasheet
1Mb / 21P
   PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6061 TI1-LMC6061 Datasheet
1Mb / 21P
[Old version datasheet]   PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8500 AD-AD8500_15 Datasheet
457Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. B
AD8500 AD-AD8500 Datasheet
630Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. A
logo
Advanced Linear Devices
ALD1731A ALD-ALD1731A Datasheet
92Kb / 9P
   PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC6084 NSC-LMC6084 Datasheet
729Kb / 14P
   Precision CMOS Quad Operational Amplifier
LMC6082 NSC-LMC6082 Datasheet
322Kb / 12P
   Precision CMOS Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com