Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6064IMX Datasheet(PDF) 1 Page - Texas Instruments

Part # LMC6064IMX
Description  LMC6064 Precision CMOS Quad Micropower Operational Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6064IMX Datasheet(HTML) 1 Page - Texas Instruments

  LMC6064IMX Datasheet HTML 1Page - Texas Instruments LMC6064IMX Datasheet HTML 2Page - Texas Instruments LMC6064IMX Datasheet HTML 3Page - Texas Instruments LMC6064IMX Datasheet HTML 4Page - Texas Instruments LMC6064IMX Datasheet HTML 5Page - Texas Instruments LMC6064IMX Datasheet HTML 6Page - Texas Instruments LMC6064IMX Datasheet HTML 7Page - Texas Instruments LMC6064IMX Datasheet HTML 8Page - Texas Instruments LMC6064IMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LMC6064
www.ti.com
SNOS656D – AUGUST 2000 – REVISED MARCH 2013
LMC6064 Precision CMOS Quad Micropower Operational Amplifier
Check for Samples: LMC6064
1
FEATURES
DESCRIPTION
The LMC6064 is a precision quad low offset voltage,
2
(Typical Unless Otherwise Noted)
micropower
operational
amplifier,
capable
of
Low Offset Voltage: 100
μV
precision
single
supply
operation.
Performance
Ultra Low Supply Current: 16
μA/Amplifier
characteristics include ultra low input bias current,
high voltage gain, rail-to-rail output swing, and an
Operates from 4.5V to 15V Single Supply
input common mode voltage range that includes
Ultra Low Input Bias Current: 10 fA
ground.
These
features,
plus
its
low
power
Output Swing within 10 mV of Supply Rail,
consumption make the LMC6064 ideally suited for
100k Load
battery powered applications.
Input Common-Mode Range Includes V
Other
applications
using
the
LMC6064
include
High Voltage Gain: 140 dB
precision full-wave rectifiers, integrators, references,
sample-and-hold circuits, and true instrumentation
Improved Latchup Immunity
amplifiers.
APPLICATIONS
This device is built with TI's advanced double-Poly
Silicon-Gate CMOS process.
Instrumentation Amplifier
For designs that require higher speed, see the
Photodiode and Infrared Detector Preamplifier
LMC6084 precision quad operational amplifier.
Transducer Amplifiers
For single or dual operational amplifier with similar
Hand-Held Analytic Instruments
features, see the LMC6061 or LMC6062 respectively.
Medical Instrumentation
PATENT PENDING
D/A Converter
Charge Amplifier for Piezoelectric Transducers
Connection Diagram
14-Pin PDIP/SOIC
Top View
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMC6064IMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6064IMX TI1-LMC6064IMX Datasheet
1Mb / 22P
[Old version datasheet]   LMC6064 Precision CMOS Quad Micropower Operational Amplifier
More results

Similar Description - LMC6064IMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6064IM TI1-LMC6064IM Datasheet
1Mb / 22P
[Old version datasheet]   LMC6064 Precision CMOS Quad Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6064 NSC-LMC6064 Datasheet
329Kb / 12P
   Precision CMOS Quad Micropower Operational Amplifier
logo
Texas Instruments
LMC6064EP TI1-LMC6064EP Datasheet
480Kb / 18P
[Old version datasheet]   Precision CMOS Quad Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD1731A ALD-ALD1731A Datasheet
92Kb / 9P
   PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8500 AD-AD8500_15 Datasheet
457Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. B
AD8500 AD-AD8500 Datasheet
630Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. A
logo
ADL Embedded Solutions
ALD1721 ADL-ALD1721 Datasheet
108Kb / 9P
   PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
logo
Texas Instruments
LMC6044 TI1-LMC6044_17 Datasheet
1Mb / 23P
[Old version datasheet]   CMOS Quad Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6044 NSC-LMC6044 Datasheet
387Kb / 12P
   CMOS Quad Micropower Operational Amplifier
logo
Texas Instruments
LMP2234 TI1-LMP2234 Datasheet
1Mb / 31P
[Old version datasheet]   Quad Micropower, 1.6V, Precision, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com