Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6442 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6442
Description  LMC6442 Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6442 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMC6442 Datasheet HTML 3Page - Texas Instruments LMC6442 Datasheet HTML 4Page - Texas Instruments LMC6442 Datasheet HTML 5Page - Texas Instruments LMC6442 Datasheet HTML 6Page - Texas Instruments LMC6442 Datasheet HTML 7Page - Texas Instruments LMC6442 Datasheet HTML 8Page - Texas Instruments LMC6442 Datasheet HTML 9Page - Texas Instruments LMC6442 Datasheet HTML 10Page - Texas Instruments LMC6442 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LMC6442
www.ti.com
SNOS013E – SEPTEMBER 1997 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
VS = 5V, Single Supply, TA = 25°C unless otherwise specified
Offset Voltage
Swing Towards V
vs.
vs.
Common Mode Voltage (VS = 10V)
Supply Voltage
Figure 7.
Figure 8.
Swing Towards V+
Swing From Rail(s)
vs.
vs.
Supply Voltage
Temperature
Figure 9.
Figure 10.
Output Source Current
Output Sink Current
vs.
vs.
Output Voltage
Output Voltage
Figure 11.
Figure 12.
Copyright © 1997–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMC6442


Similar Part No. - LMC6442

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6442 NSC-LMC6442 Datasheet
1,011Kb / 16P
   Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
LMC6442AIM NSC-LMC6442AIM Datasheet
1,011Kb / 16P
   Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
LMC6442AIMM NSC-LMC6442AIMM Datasheet
1,011Kb / 16P
   Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
LMC6442AIMMX NSC-LMC6442AIMMX Datasheet
1,011Kb / 16P
   Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
LMC6442AIMNOPB NSC-LMC6442AIMNOPB Datasheet
1Mb / 24P
   LMC6442 Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
More results

Similar Description - LMC6442

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6442 NSC-LMC6442_14 Datasheet
1Mb / 24P
   LMC6442 Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
LMC6442 NSC-LMC6442 Datasheet
1,011Kb / 16P
   Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
logo
New Japan Radio
NJM2746M-TE1 NJRC-NJM2746M-TE1 Datasheet
311Kb / 6P
   Single Supply, Rail-to-Rail Output Dual Operational Amplifier
NJM8202 NJRC-NJM8202 Datasheet
336Kb / 10P
   Single Supply, Rail-to-Rail Output Dual Operational Amplifier
NJM8204 NJRC-NJM8204 Datasheet
696Kb / 15P
   Single Supply, Rail-to-Rail Output Quad Operational Amplifier
Ver.1.0
logo
Intersil Corporation
ISL28274 INTERSIL-ISL28274 Datasheet
767Kb / 18P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifier and Precision Operational Amplifier
logo
Advanced Linear Devices
ALD2701 ALD-ALD2701_10 Datasheet
84Kb / 9P
   DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2701 ALD-ALD2701 Datasheet
74Kb / 6P
   DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJU7036 NJRC-NJU7036 Datasheet
1Mb / 16P
   High Output Current, Single Supply, Rail-to-Rail Output Dual CMOS Operational Amplifier
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com