Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6442 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6442
Description  LMC6442 Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6442 Datasheet(HTML) 3 Page - Texas Instruments

  LMC6442 Datasheet HTML 1Page - Texas Instruments LMC6442 Datasheet HTML 2Page - Texas Instruments LMC6442 Datasheet HTML 3Page - Texas Instruments LMC6442 Datasheet HTML 4Page - Texas Instruments LMC6442 Datasheet HTML 5Page - Texas Instruments LMC6442 Datasheet HTML 6Page - Texas Instruments LMC6442 Datasheet HTML 7Page - Texas Instruments LMC6442 Datasheet HTML 8Page - Texas Instruments LMC6442 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LMC6442
www.ti.com
SNOS013E – SEPTEMBER 1997 – REVISED MARCH 2013
2.2V Electrical Characteristics (continued)
Unless otherwise specified, all limits ensured for TJ = 25°C, V
+ = 2.2V, V= 0V, V
CM = VO = V
+/2, and R
L = 1 MΩ to V
+/2.
Boldface limits apply at the temperature extremes.
LMC6442AI
LMC6442I
Parameter
Test Conditions
Typ (1)
Units
Limit (2)
Limit (2)
VCM
Input Common-Mode
1.05
1.05
V
1.3
Voltage Range
0.95
0.95
min
CMRR
≥ 50 dB
−0.3
−0.2
−0.2
V
0
0
max
AV
Large Signal Voltage Gain
Sourcing (4)
100
dB
Sinking (4)
94
min
VO = 0.22V to 2V
103
80
80
VO
Output Swing
VID = 100 mV
(5)
2.15
2.15
V
2.18
2.15
2.15
min
VID = −100 mV
(5)
22
60
60
mV
60
60
max
ISC
Output Short Circuit
Sourcing, VID = 100 mV
(6) (5)
50
18
18
Current
17
17
µA
min
Sinking, VID = −100 mV
(6) (5)
50
20
20
19
19
IS
Supply Current
RL = open
1.90
2.4
2.6
µA
(2 amplifiers)
3.0
3.2
max
V+ = 1.8V, RL = open
2.10
AC Electrical Characteristics
SR
Slew Rate (7)
2.2
V/ms
GBWP
Gain-Bandwidth Product
9.5
KHz
φm
Phase Margin
See (8)
63
deg
(4)
RL connected to V
+/2. For Sourcing Test, V
O > V
+/2. For Sinking tests, V
O < V
+/2.
(5)
VID is differential input voltage referenced to inverting input.
(6)
Output shorted to ground for sourcing, and shorted to V+ for sinking short circuit current test.
(7)
Slew rate is the slower of the rising and falling slew rates.
(8)
See the Typical Performance Characteristics and Applications Information sections for more details.
5V Electrical Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C, V
+ = 5V, V= 0V, V
CM = VO = V
+/2, and R
L = 1 MΩ to V
+/2.
Boldface limits apply at the temperature extremes.
LMC6442AI
LMC6442I
Parameter
Test Conditions
Typ (1)
Units
Limit (2)
Limit (2)
DC Electrical Characteristics
VOS
Input Offset Voltage
±3
±7
mV
−0.75
±4
±8
max
TCVOS
Temp. coefficient of input
0.4
µV/°C
offset voltage
IB
Input Bias Current
See (3)
pA
0.005
4
4
max
Input Offset Current
See (3)
pA
IOS
0.0025
2
2
max
CMRR
Common Mode Rejection
−0.1V ≤ VCM ≤3.5V
102
70
70
dB min
Ratio
70
70
CIN
Common Mode Input
4.1
pF
Capacitance
PSRR
Power Supply Rejection
VS = 2.5 V to 10V
75
75
dB
95
Ratio
75
75
min
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are specified by testing or statistical analysis unless otherwise specified.
(3)
Limits specified by design.
Copyright © 1997–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMC6442


Similar Part No. - LMC6442

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6442 NSC-LMC6442 Datasheet
1,011Kb / 16P
   Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
LMC6442AIM NSC-LMC6442AIM Datasheet
1,011Kb / 16P
   Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
LMC6442AIMM NSC-LMC6442AIMM Datasheet
1,011Kb / 16P
   Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
LMC6442AIMMX NSC-LMC6442AIMMX Datasheet
1,011Kb / 16P
   Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
LMC6442AIMNOPB NSC-LMC6442AIMNOPB Datasheet
1Mb / 24P
   LMC6442 Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
More results

Similar Description - LMC6442

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6442 NSC-LMC6442_14 Datasheet
1Mb / 24P
   LMC6442 Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
LMC6442 NSC-LMC6442 Datasheet
1,011Kb / 16P
   Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
logo
New Japan Radio
NJM2746M-TE1 NJRC-NJM2746M-TE1 Datasheet
311Kb / 6P
   Single Supply, Rail-to-Rail Output Dual Operational Amplifier
NJM8202 NJRC-NJM8202 Datasheet
336Kb / 10P
   Single Supply, Rail-to-Rail Output Dual Operational Amplifier
NJM8204 NJRC-NJM8204 Datasheet
696Kb / 15P
   Single Supply, Rail-to-Rail Output Quad Operational Amplifier
Ver.1.0
logo
Intersil Corporation
ISL28274 INTERSIL-ISL28274 Datasheet
767Kb / 18P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifier and Precision Operational Amplifier
logo
Advanced Linear Devices
ALD2701 ALD-ALD2701_10 Datasheet
84Kb / 9P
   DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2701 ALD-ALD2701 Datasheet
74Kb / 6P
   DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJU7036 NJRC-NJU7036 Datasheet
1Mb / 16P
   High Output Current, Single Supply, Rail-to-Rail Output Dual CMOS Operational Amplifier
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com