Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6442 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6442
Description  LMC6442 Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6442 Datasheet(HTML) 2 Page - Texas Instruments

  LMC6442 Datasheet HTML 1Page - Texas Instruments LMC6442 Datasheet HTML 2Page - Texas Instruments LMC6442 Datasheet HTML 3Page - Texas Instruments LMC6442 Datasheet HTML 4Page - Texas Instruments LMC6442 Datasheet HTML 5Page - Texas Instruments LMC6442 Datasheet HTML 6Page - Texas Instruments LMC6442 Datasheet HTML 7Page - Texas Instruments LMC6442 Datasheet HTML 8Page - Texas Instruments LMC6442 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LMC6442
SNOS013E – SEPTEMBER 1997 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
ESD Tolerance (3)
2 kV
Differential Input Voltage
±Supply Voltages
Voltage at Input/Output Pin
(V+) + 0.3V, (V)
− 0.3V
Supply Voltage (V+
− V):
16V
Current at Input Pin (4)
±5 mA
Current at Output Pin(5) (6)
±30 mA
Lead Temp. (soldering 10 sec)
260°C
Storage Temp. Range:
−65°C to +150°C
Junction Temp. (7)
150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
Human body model, 1.5 k
Ω in series with 100 pF.
(4)
Limiting input pin current is only necessary for input voltages that exceed absolute maximum input voltage ratings.
(5)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C. Output currents in excess of ±30 mA over long term may adversely
affect reliability.
(6)
Do not short circuit output to V+, when V+ is greater than 13V or reliability will be adversely affected.
(7)
The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD= (TJ(MAX) - TA)/ θJA. All numbers apply for packages soldered directly into a PC board.
Operating Ratings
(1)
Supply Voltage
1.8V
≤ VS ≤ 11V
Junction Temperature Range: LMC6442AI, LMC6442I
−40°C < TJ < +85°C
Thermal Resistance (
θJA)
D0008A Package, 8-pin Surface Mount
193°C/W
P0008E Package, 8-pin Molded DIP
115°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
2.2V Electrical Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C, V
+ = 2.2V, V= 0V, V
CM = VO = V
+/2, and R
L = 1 MΩ to V
+/2.
Boldface limits apply at the temperature extremes.
LMC6442AI
LMC6442I
Parameter
Test Conditions
Typ (1)
Units
Limit (2)
Limit (2)
DC Electrical Characteristics
VOS
Input Offset Voltage
±3
±7
mV
−0.75
±4
±8
max
TCVOS
Temp. coefficient of input
0.4
µV/°C
offset voltage
IB
Input Bias Current
See (3)
pA
0.005
4
4
max
Input Offset Current
See (3)
pA
IOS
0.0025
2
2
max
CMRR
Common Mode Rejection
−0.1V ≤ VCM ≤0.5V
92
67
67
dB min
Ratio
67
67
CIN
Common Mode Input
4.7
pF
Capacitance
PSRR
Power Supply Rejection
VS = 2.5 V to 10V
75
75
dB
95
Ratio
75
75
min
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are specified by testing or statistical analysis unless otherwise specified.
(3)
Limits specified by design.
2
Submit Documentation Feedback
Copyright © 1997–2013, Texas Instruments Incorporated
Product Folder Links: LMC6442


Similar Part No. - LMC6442

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6442 NSC-LMC6442 Datasheet
1,011Kb / 16P
   Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
LMC6442AIM NSC-LMC6442AIM Datasheet
1,011Kb / 16P
   Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
LMC6442AIMM NSC-LMC6442AIMM Datasheet
1,011Kb / 16P
   Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
LMC6442AIMMX NSC-LMC6442AIMMX Datasheet
1,011Kb / 16P
   Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
LMC6442AIMNOPB NSC-LMC6442AIMNOPB Datasheet
1Mb / 24P
   LMC6442 Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
More results

Similar Description - LMC6442

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6442 NSC-LMC6442_14 Datasheet
1Mb / 24P
   LMC6442 Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
LMC6442 NSC-LMC6442 Datasheet
1,011Kb / 16P
   Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
logo
New Japan Radio
NJM2746M-TE1 NJRC-NJM2746M-TE1 Datasheet
311Kb / 6P
   Single Supply, Rail-to-Rail Output Dual Operational Amplifier
NJM8202 NJRC-NJM8202 Datasheet
336Kb / 10P
   Single Supply, Rail-to-Rail Output Dual Operational Amplifier
NJM8204 NJRC-NJM8204 Datasheet
696Kb / 15P
   Single Supply, Rail-to-Rail Output Quad Operational Amplifier
Ver.1.0
logo
Intersil Corporation
ISL28274 INTERSIL-ISL28274 Datasheet
767Kb / 18P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifier and Precision Operational Amplifier
logo
Advanced Linear Devices
ALD2701 ALD-ALD2701_10 Datasheet
84Kb / 9P
   DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2701 ALD-ALD2701 Datasheet
74Kb / 6P
   DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJU7036 NJRC-NJU7036 Datasheet
1Mb / 16P
   High Output Current, Single Supply, Rail-to-Rail Output Dual CMOS Operational Amplifier
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com