Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6081AIM Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6081AIM
Description  LMC6081 Precision CMOS Single Operational Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6081AIM Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMC6081AIM Datasheet HTML 2Page - Texas Instruments LMC6081AIM Datasheet HTML 3Page - Texas Instruments LMC6081AIM Datasheet HTML 4Page - Texas Instruments LMC6081AIM Datasheet HTML 5Page - Texas Instruments LMC6081AIM Datasheet HTML 6Page - Texas Instruments LMC6081AIM Datasheet HTML 7Page - Texas Instruments LMC6081AIM Datasheet HTML 8Page - Texas Instruments LMC6081AIM Datasheet HTML 9Page - Texas Instruments LMC6081AIM Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
LMC6081
SNOS649C – AUGUST 2000 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
VS = ±7.5V, TA = 25°C, Unless otherwise specified
Distribution of LMC6081
Distribution of LMC6081
Input Offset Voltage
Input Offset Voltage
(TA = +25°C)
(TA = −55°C)
Figure 3.
Figure 4.
Distribution of LMC6081
Input Offset Voltage
Input Bias Current
(TA = +125°C)
vs Temperature
Figure 5.
Figure 6.
Supply Current
Input Voltage
vs Supply Voltage
vs Output Voltage
Figure 7.
Figure 8.
6
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LMC6081


Similar Part No. - LMC6081AIM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6081AIM NSC-LMC6081AIM Datasheet
304Kb / 12P
   Precision CMOS Single Operational Amplifier
More results

Similar Description - LMC6081AIM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6081 NSC-LMC6081 Datasheet
304Kb / 12P
   Precision CMOS Single Operational Amplifier
logo
Agamem Microelectronic ...
AA6081 AGAMEM-AA6081 Datasheet
139Kb / 6P
   Precision CMOS Single Operational Amplifier
logo
National Semiconductor ...
LMC6061 NSC-LMC6061 Datasheet
312Kb / 12P
   Precision CMOS Single Micropower Operational Amplifier
LMC6061 NSC-LMC6061_14 Datasheet
1Mb / 21P
   PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6061 TI1-LMC6061 Datasheet
1Mb / 21P
[Old version datasheet]   PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8500 AD-AD8500_15 Datasheet
457Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. B
AD8500 AD-AD8500 Datasheet
630Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. A
logo
Advanced Linear Devices
ALD1731A ALD-ALD1731A Datasheet
92Kb / 9P
   PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC6084 NSC-LMC6084 Datasheet
729Kb / 14P
   Precision CMOS Quad Operational Amplifier
LMC6082 NSC-LMC6082 Datasheet
322Kb / 12P
   Precision CMOS Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com