Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMC6061 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part No. LMC6061
Description  PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

LMC6061 Datasheet(HTML) 10 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
LMC6061
SNOS648D – NOVEMBER 1994 – REVISED MARCH 2013
www.ti.com
APPLICATIONS HINTS
Amplifier Topology
The LMC6061 incorporates a novel op-amp design topology that enables it to maintain rail-to-rail output swing
even when driving a large load. Instead of relying on a push-pull unity gain output buffer stage, the output stage
is taken directly from the internal integrator, which provides both low output impedance and large gain. Special
feed-forward compensation design techniques are incorporated to maintain stability over a wider range of
operating conditions than traditional micropower op-amps. These features make the LMC6061 both easier to
design with, and provide higher speed than products typically found in this ultra-low power class.
Compensating for Input Capacitance
It is quite common to use large values of feedback resistance for amplifiers with ultra-low input current, like the
LMC6061.
Although the LMC6061 is highly stable over a wide range of operating conditions, certain precautions must be
met to achieve the desired pulse response when a large feedback resistor is used. Large feedback resistors and
even small values of input capacitance, due to transducers, photodiodes, and circuit board parasitics, reduce
phase margins.
When high input impedances are demanded, guarding of the LMC6061 is suggested. Guarding input lines will
not only reduce leakage, but lowers stray input capacitance as well. (See Printed-Circuit-Board Layout For High-
Impedance Work).
The effect of input capacitance can be compensated for by adding a capacitor. Place a capacitor, Cf, around the
feedback resistor (as in Figure 24) such that:
(1)
or
R1 CIN ≤ R2 Cf
(2)
Since it is often difficult to know the exact value of CIN, Cf can be experimentally adjusted so that the desired
pulse response is achieved. Refer to the LMC660 and the LMC662 for a more detailed discussion on
compensating for input capacitance.
Figure 24. Canceling the Effect of Input Capacitance
Capacitive Load Tolerance
All rail-to-rail output swing operational amplifiers have voltage gain in the output stage. A compensation capacitor
is normally included in this integrator stage. The frequency location of the dominate pole is affected by the
resistive load on the amplifier. Capacitive load driving capability can be optimized by using an appropriate
resistive load in parallel with the capacitive load (see typical curves).
Direct capacitive loading will reduce the phase margin of many op-amps. A pole in the feedback loop is created
by the combination of the op-amp's output impedance and the capacitive load. This pole induces phase lag at the
unity-gain crossover frequency of the amplifier resulting in either an oscillatory or underdamped pulse response.
With a few external components, op amps can easily indirectly drive capacitive loads, as shown in Figure 25.
10
Submit Documentation Feedback
Copyright © 1994–2013, Texas Instruments Incorporated
Product Folder Links: LMC6061


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn