Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMC6061 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part No. LMC6061
Description  PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

LMC6061 Datasheet(HTML) 6 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
LMC6061
SNOS648D – NOVEMBER 1994 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
VS = ±7.5V, TA = 25°C, Unless otherwise specified
Distribution of LMC6061
Distribution of LMC6061
Input Offset Voltage
Input Offset Voltage
(TA = +25°C)
(TA = −55°C)
Figure 3.
Figure 4.
Distribution of LMC6061
Input Offset Voltage
Input Bias Current
(TA = +125°C)
vs Temperature
Figure 5.
Figure 6.
Supply Current
Input Voltage
vs Supply Voltage
vs Output Voltage
Figure 7.
Figure 8.
6
Submit Documentation Feedback
Copyright © 1994–2013, Texas Instruments Incorporated
Product Folder Links: LMC6061


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn