Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMC6061 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part No. LMC6061
Description  PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

LMC6061 Datasheet(HTML) 5 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LMC6061
www.ti.com
SNOS648D – NOVEMBER 1994 – REVISED MARCH 2013
AC Electrical Characteristics (continued)
Unless otherwise specified, all limits ensured for TJ = 25°C, Boldface limits apply at the temperature extremes. V
+ = 5V, V=
0V, VCM = 1.5V, VO = 2.5V and RL > 1M unless otherwise specified.
LMC6061AM
LMC6061AI
LMC6061I
Symbol
Parameter
Conditions
Typ(1)
Units
Limit(2)
Limit(2)
Limit(2)
T.H.D.
Total Harmonic Distortion
F = 1 kHz, AV = −5
RL = 100 kΩ, VO = 2 VPP
0.01
%
±5V Supply
Copyright © 1994–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMC6061


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn