Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMC6061 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part No. LMC6061
Description  PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

LMC6061 Datasheet(HTML) 2 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
LMC6061
SNOS648D – NOVEMBER 1994 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1) (2) (3)
Differential Input Voltage
±Supply Voltage
Voltage at Input/Output Pin
(V+) +0.3V,
(V)
−0.3V
Supply Voltage (V+
− V)
16V
Output Short Circuit to V+
See(4)
Output Short Circuit to V
See(5)
Lead Temperature
(Soldering, 10 sec.)
Storage Temp. Range
−65°C to +150°C
Junction Temperature
150°C
ESD Tolerance(6)
2 kV
Current at Input Pin
±10 mA
Current at Output Pin
±30 mA
Current at Power Supply Pin
40 mA
Power Dissipation
See(7)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
For specified Military Temperature Range parameters see RETSMC6061X.
(4)
Do not connect output to V+, when V+ is greater than 13V or reliability witll be adversely affected.
(5)
Applies to both single-supply and split-supply operation. Continous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C. Output currents in excess of ±30 mA over long term may adversely
affect reliability.
(6)
Human body model, 1.5 k
Ω in series with 100 pF.
(7)
The maximum power dissipation is a function of TJ(Max), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(Max) − TA)/θJA.
Operating Ratings
(1)
Temperature Range
LMC6061AM
−55°C ≤ TJ ≤ +125°C
LMC6061AI, LMC6082I
−40°C ≤ TJ ≤ +85°C
Supply Voltage
4.5V
≤ V+ ≤ 15.5V
Thermal Resistance (
θJA)
(2)
P0008E Package, 8-Pin PDIP
115°C/W
D0008A Package, 8-Pin SOIC
193°C/W
Power Dissipation
See(3)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed.
(2)
All numbers apply for packages soldered directly into a PC board.
(3)
For operating at elevated temperatures the device must be derated based on the thermal resistance
θJA with PD = (TJ–TA)/θJA.
2
Submit Documentation Feedback
Copyright © 1994–2013, Texas Instruments Incorporated
Product Folder Links: LMC6061


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn