Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDR-3001 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SDR-3001
Description  Software Defined Radio Transceiver Platform
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SDR-3001 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  SDR-3001 Datasheet HTML 1Page - List of Unclassifed Manufacturers SDR-3001 Datasheet HTML 2Page - List of Unclassifed Manufacturers SDR-3001 Datasheet HTML 3Page - List of Unclassifed Manufacturers SDR-3001 Datasheet HTML 4Page - List of Unclassifed Manufacturers SDR-3001 Datasheet HTML 5Page - List of Unclassifed Manufacturers SDR-3001 Datasheet HTML 6Page - List of Unclassifed Manufacturers SDR-3001 Datasheet HTML 7Page - List of Unclassifed Manufacturers SDR-3001 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Specifications
(assumes 1xPRO-3100, 1x PRO-3500, 1xTM1-3300 or TM1-3350 or TM1-3902)
[ general ]
Form Factor
6U CompactPCI
I/O
4 x A/D channels, 14-bit, 80 MHz, 4 x D/A channels, 14-bit, 80 MHz
(with 2x interpolation to 160 MSPS), or
2xA/D channels, 12-bit, 212 MHz, 2xD/A channels, 14-bit, 212 MHz, or
I/O Reference design/Digital I/O, 640 MB/s bidirectional
or 1500 MB/s input only
Processors
4 x user programmable Xilinx Virtex-II FPGAs (XC2V6000 or XC2V3000)
2 x PowerPC MPC7410 G4 on PRO-3500, plus additional 2 G4s or ‘C64X’s via ePMC sites
PowerPC 405GP embedded controllers on both PRO-3100 and PRO-3500
[ buses ]
Host
CompactPCI bus: 32-bit /66 MHz
[ external interfaces ]
flexFabric
flexFabric Serial RapidI/O switched fabric for interboard communications.
Six 320 MB/s links are supported on the PRO-3100 while two are supported on the PRO-3500.
ePMC
Dual 33 MHz, 32-bit PMC sites with Solano enhanced capability
Ethernet
10/100-BaseT Ethernet supported via either: PICMG 2.16 packet switched backplane
or front panel
Serial port
RS-232 ports of embedded controllers are routed to the front panels of the PRO-3100
and PRO-3500
User-defined I/O
Sixteen user-defined pins from each Virtex-II FPGA routed to front panel
[ performance ]
Please consult individual board datasheets for block diagrams:
Peak Data Transfer Rates
Between TM1 interface and each Virtex-II FPGA 640 MB/s bidirectional or 1500 MB/s input
Between Virtex-II processors
376 MB/s
From PRO-3100 to other boards via flexFabric
320 MB/s per link
Virtex-II to embedded controller
10 MB/s
Between PowerPC G4s via Solano
200 MB/s
[ software ]
quicComm, TAO CORBA, VxWorks, VSI/Pro, quicWave for PowerPC
[ environmental ]
Temperature
Operating temperature range of 0 to 45 ˚C
[ quality ]
MTBF
100,118 hours
[ ordering information ]
You should contact your Spectrum Sales Representative for specific ordering
information. You can expect to cover the following items:
Development PC
Minimum specifications: 2.5 GHz Pentium-IV processor, 512 MB SDRAM, Windows 2000
Hardware
Configurations can be constructed from a combination of chassis, PRO-3100, PRO-3500,
TM1-3300, TM1-3350, TM1-3902 and flexFabric backplane.
SDR-3000 Base Software and Documentation
Includes quicComm software for all SDR-3000 series boards, plus quicWave, VxWorks
BSP's and ACE/TAO CORBA. Licensed on a per site, per project basis.
Tornado/VxWorks
Tornado/VxWorks is ordered on a development seat basis (per developer), plus an OEM
license (per processor type). 7410 and 405GP PowerPC processors require separate OEM
licenses. All pricing includes first year maintenance, while run-time licensing applies (per
processor) for production systems only.
SCA Core Framework
The SCA core framework comprises Harris dmTK and Spectrum's SCA BSP. The dmTK is
licensed on a per developer basis while the SCA BSP is licensed on a per project, per site
basis.
VSI/Pro
VSI/Pro is ordered on a development seat basis and is optional. Run-time licensing
applies (per processor), for both development and production systems.
Xilinx ISE
Xilinx ISE 6.1 is recommended for FPGA development, and can be ordered from Spectrum
as an option. ModelSim 5.8 PE with both VHDL and Verilog licenses is required to use the
supplied simulation environment.
Training
Initial SDR-3000 and SCA orders require compulsory training, either at Spectrum's
headquarters or at your site. Options include: SDR-3000 training (3-days), SCA training
(3-days) and combined SDR-3000/SCA training (5-days).
[ custom configurations ]
For custom configuration options, please contact Spectrum Sales
SIGNAL PROCE SSING
Rev 05/04
Spectrum reserves the right to modify or discontinue any product or piece of literature at anytime without prior notice. All Trademarks are property of their respective owners.
Compliance with export control laws: Various export control laws of Canada, the United States or other counties may restrict or prohibit the export to certain countries of
products sold by Spectrum. Spectrum shall not be liable for anything arising from compliance, or efforts to comply, with export control laws.


Similar Part No. - SDR-3001

ManufacturerPart #DatasheetDescription
logo
3M Electronics
SDR-30-39 3M-SDR-30-39 Datasheet
44Kb / 3P
   STD Tape Dispenser SDR Wire Marking Tape
More results

Similar Description - SDR-3001

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
N5990A HP-N5990A Datasheet
1Mb / 18P
   Test Automation Software Platform
logo
Keysight Technologies
N5990A KEYSIGHT-N5990A Datasheet
4Mb / 23P
   N5990A Test Automation Software Platform
N6829BS KEYSIGHT-N6829BS Datasheet
311Kb / 4P
   Snapshot Radio Software Application
logo
Linear Technology
LTC1343 LINER-LTC1343 Datasheet
382Kb / 28P
   Software-Selectable Multiprotocol Transceiver
LTC1545 LINER-LTC1545 Datasheet
244Kb / 16P
   Software-Selectable Multiprotocol Transceiver
LTC1543 LINER-LTC1543 Datasheet
281Kb / 20P
   Software-Selectable Multiprotocol Transceiver
LTC1544 LINER-LTC1544 Datasheet
277Kb / 20P
   Software-Selectable Multiprotocol Transceiver
LTC1543 LINER-LTC1543_15 Datasheet
306Kb / 20P
   Software-Selectable Multiprotocol Transceiver
LTC1343 LINER-LTC1343_15 Datasheet
398Kb / 28P
   Software-Selectable Multiprotocol Transceiver
LTC1544 LINER-LTC1544_15 Datasheet
299Kb / 20P
   Software-Selectable Multiprotocol Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com